Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS951464 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS951464
Description  Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS951464 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS951464 Datasheet HTML 1Page - Integrated Device Technology ICS951464 Datasheet HTML 2Page - Integrated Device Technology ICS951464 Datasheet HTML 3Page - Integrated Device Technology ICS951464 Datasheet HTML 4Page - Integrated Device Technology ICS951464 Datasheet HTML 5Page - Integrated Device Technology ICS951464 Datasheet HTML 6Page - Integrated Device Technology ICS951464 Datasheet HTML 7Page - Integrated Device Technology ICS951464 Datasheet HTML 8Page - Integrated Device Technology ICS951464 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
IDTTM/ICSTM
Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
1211B—09/17/09
ICS951464
IDTTM/ICSTM Programmable System Clock Chip for ATI RS/RD690 K8
TM - based Systems
5
Table1: CPU and HTT Frequency Selection Table
Bit4
Bit3 Bit2 Bit1 Bit0
CPU
SS_EN
CPU
FS3
CPU
FS2
CPU
FS1
CPU
FS0
0
0
0
0
0
Hi-Z
Hi-Z
None
0
0
0
0
1
X / 2
X / 3
None
0
0
0
1
0
230.00
76.67
None
15%
0
0
0
1
1
240.00
80.00
None
20%
0
0
1
0
0
100.00
66.67
None
0
0
1
0
1
133.33
66.67
None
0
0
1
1
0
166.67
66.67
None
0
0
1
1
1
200.00
66.67
None
0
1
0
0
0
250.00
83.33
None
25%
0
1
0
0
1
260.00
86.67
None
30%
0
1
0
1
0
270.00
90.00
None
35%
0
1
0
1
1
280.00
93.33
None
40%
0
1
1
0
0
102.00
68.00
None
0
1
1
0
1
136.00
68.00
None
0
1
1
1
0
170.00
68.00
None
0
1
1
1
1
204.00
68.00
None
1
0
0
0
0
210.00
70.00
-0.5%
5%
1
0
0
0
1
220.00
73.33
-0.5%
10%
1
0
0
1
0
230.00
76.67
-0.5%
15%
1
0
0
1
1
240.00
80.00
-0.5%
20%
1
0
1
0
0
100.00
66.67
-0.5%
1
0
1
0
1
133.33
66.67
-0.5%
1
0
1
1
0
166.67
66.67
-0.5%
1
0
1
1
1
200.00
66.67
-0.5%
1
1
0
0
0
250.00
83.33
-0.5%
25%
1
1
0
0
1
260.00
86.67
-0.5%
30%
1
1
0
1
0
270.00
90.00
-0.5%
35%
1
1
0
1
1
280.00
93.33
-0.5%
40%
1
1
1
0
0
102.00
68.00
-0.5%
1
1
1
0
1
136.00
68.00
-0.5%
1
1
1
1
0
170.00
68.00
-0.5%
1
1
1
1
1
204.00
68.00
-0.5%
0%
2%
2%
0%
Byte 0
CPUCLK
(2:0)
(MHz)
Spread
%
Overclock
%
HTT
(MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com