Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4208 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4208
Description  1-A Quad-HBD (Quad-Half-Bridge Driver)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4208 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4208 Datasheet HTML 1Page - Infineon Technologies AG TLE4208 Datasheet HTML 2Page - Infineon Technologies AG TLE4208 Datasheet HTML 3Page - Infineon Technologies AG TLE4208 Datasheet HTML 4Page - Infineon Technologies AG TLE4208 Datasheet HTML 5Page - Infineon Technologies AG TLE4208 Datasheet HTML 6Page - Infineon Technologies AG TLE4208 Datasheet HTML 7Page - Infineon Technologies AG TLE4208 Datasheet HTML 8Page - Infineon Technologies AG TLE4208 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TLE 4208
Data Sheet
5
2004-02-27
Note: Half-Bridge 1 and 2 connected to a full-bridge
IN:
0 = Logic LOW
OUT: Z = Output in tristate condition
1 = Logic HIGH
L = Output in sink condition
X = don’t care
H = Output in source condition
Note: Half-Bridge 3 and 4 connected to a full-bridge
Input Logic
Functional Truth Table of Halfbridge 1 and 2
INH
12
IN1
IN2
OUT1
OUT2
Mode
0
X
X
Z
Z
Stand-By
1
1
1
1
0
0
1
1
0
1
0
1
L
L
H
H
L
H
L
H
Brake LL
CW
CCW
Brake HH
Functional Truth Table of Half-Bridge 3 and 4
INH
34
IN3
IN4
OUT3
OUT4
Mode
0
X
X
Z
Z
Stand-By
1
1
1
1
0
0
1
1
0
1
0
1
L
L
H
H
L
H
L
H
Brake LL
CW
CCW
Brake HH
Diagnosis
EF
12
EF
34
Error
1
0
0
1
1
0
0
1
1
1
0
0
0
0
no error
over temperature of half-bridge 1 and 2 or
over voltage of half-bridge 1 and 2
over temperature of half-bridge 3 and 4 or
over voltage of half-bridge 3 and 4
over temperature of all half-bridges or
over voltage of all half-bridges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com