Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4208 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4208
Description  1-A Quad-HBD (Quad-Half-Bridge Driver)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4208 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4208 Datasheet HTML 2Page - Infineon Technologies AG TLE4208 Datasheet HTML 3Page - Infineon Technologies AG TLE4208 Datasheet HTML 4Page - Infineon Technologies AG TLE4208 Datasheet HTML 5Page - Infineon Technologies AG TLE4208 Datasheet HTML 6Page - Infineon Technologies AG TLE4208 Datasheet HTML 7Page - Infineon Technologies AG TLE4208 Datasheet HTML 8Page - Infineon Technologies AG TLE4208 Datasheet HTML 9Page - Infineon Technologies AG TLE4208 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TLE 4208
Data Sheet
6
2004-02-27
Electrical Characteristics
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit.
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Voltages
Supply voltage
V
S12,
V
S34
– 0.3
45
V
–
Supply voltage
V
S12,
V
S34
– 1
–
V
t < 0.5 s;
I
S12, IS34 > – 2 A
Logic input voltages
(IN1; IN2; INH
12;
IN3; IN4; INH
34)
V
I
– 5
20
V
0V <
V
S12, VS34 < 45 V
Logic output voltage
(EF
12; EF34)
V
EF12,
V
EF34
– 0.3
20
V
0 V <
V
S12, VS34 < 45 V
Currents
Output current (cont.)
I
OUT1-4
–
–
A
internally limited
Output current (peak)
I
OUT1-4
–
–
A
internally limited
Output current (diode)
I
OUT1-4
–1
1
A
–
Output current (EF)
I
EF12-34
–2
5
mA
–
Temperatures
Junction temperature
T
j
– 40
150
°C–
Storage temperature
T
stg
– 50
150
°C–
Thermal Resistances
Junction pin
R
thj-pin
–
25
K/W
measured to pin 7
Junction ambient
R
thjA
–65
K/W
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com