Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4208 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4208
Description  1-A Quad-HBD (Quad-Half-Bridge Driver)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4208 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4208 Datasheet HTML 6Page - Infineon Technologies AG TLE4208 Datasheet HTML 7Page - Infineon Technologies AG TLE4208 Datasheet HTML 8Page - Infineon Technologies AG TLE4208 Datasheet HTML 9Page - Infineon Technologies AG TLE4208 Datasheet HTML 10Page - Infineon Technologies AG TLE4208 Datasheet HTML 11Page - Infineon Technologies AG TLE4208 Datasheet HTML 12Page - Infineon Technologies AG TLE4208 Datasheet HTML 13Page - Infineon Technologies AG TLE4208 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
TLE 4208
Data Sheet
12
2004-02-27
Figure 3
Application Circuit 1 (Device is Used as Dual-Full-Bridge-Driver)
Fault-Detection 1,2
IN1
IN2
OUT1 OUT2
Z
XZ
X
L
0
L
0
H
0
L
1
L
1
H
0
H
1
H
1
1
1
1
1
0
Inhibit 1,2
OUT4
Inhibit 3,4
Fault-Detection 3,4
1
1
1
1
0
0
1
1
0
X
IN3
OUT3
1
0
1
0
X
IN4
LH
H
H
H
L
L
Z
L
Z
TLE 4208 G
27
2
3
26
13
16
12
17
26
5
24
20,21,
10
19
18
DRV1
DRV2
DRV3
OUT4
OUT3
OUT2
OUT1
GND
IN1
IN2
IN3
IN4
V S12
S34
V
EF34
INH34
EF12
INH12
AES02351
M1
M2
C
µ
TLE 4278 G
3,4,5,10,11,12 7
6
9
14
1
8
Q
Reset Out
Watchdog Out
Watchdog In
13
2
Watchdog
Adjust
Input
V CC
R
WDI
WDO
D1
1N4001
C
22 F
S
µ
100 nF
C Ι
100 k
R WA
Ω
Reset
Adjust
GND
D
100 nF
C D
22 F
µ
C Q
Ω
10 k
QB
R
10 k
Ω
QA
R
VS = 12 V
DRV4
INH12
INH34
22,23
1,6,7,
8,9,14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com