Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8201R Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 5Page - Infineon Technologies AG TLE8201R Datasheet HTML 6Page - Infineon Technologies AG TLE8201R Datasheet HTML 7Page - Infineon Technologies AG TLE8201R Datasheet HTML 8Page - Infineon Technologies AG TLE8201R Datasheet HTML 9Page - Infineon Technologies AG TLE8201R Datasheet HTML 10Page - Infineon Technologies AG TLE8201R Datasheet HTML 11Page - Infineon Technologies AG TLE8201R Datasheet HTML 12Page - Infineon Technologies AG TLE8201R Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
TLE 8201R
Block Description and Electrical Characteristics
Data Sheet Rev. 2.0
9
2006-06-07
4
Block Description and Electrical Characteristics
4.1
Power Supply
4.1.1
General
The TLE 8201R has two power supply inputs: All power drivers are connected to the
supply voltage
V
S which is connected to the automotive 12 V board-net. The internal
logic part is supplied by a separate Voltage
V
CC = 5 V.
The advantage of this system is that information stored in the logic remains intact in the
event of short-term failures in the supply voltage
V
S. The system can therefore continue
to operate after
V
S has recovered, without having to be reprogrammed.
A rising edge on
V
CC triggers an internal Power-On Reset (POR) to initialize the IC at
power-on. All data stored internally is deleted, and the outputs are switched to high-
impedance status (tristate).
4.1.2
Sleep-Mode
The TLE 8201R can be put in a low current-consumtion mode by setting the input INH
to LOW. The INH pin has an internal pull-down current source. In sleep-mode, all output
transistors are turned off and the SPI is not operating. When enabling the IC by setting
INH from L to H, a Power-On Reset is performed as described above.
4.1.3
Reverse Polarity
The TLE 8201R requires an external reverse polarity protection. The gate-driver
(charge-pump output) for an external n-channel logic-level MOS-FET is integrated. The
gate voltage is provided at pin GO which should be connected as shown in the
application diagram.
4.1.4
Electrical Characteristics
Electrical Characteristics
8 V <
V
S < 20 V; 4.75 V < VCC < 5.25 V; INH = High; all outputs open;
-40
°C < T
j < 150 °C; unless otherwise specified
Pos.
Parameter
Sym-
bol
Limit Values
Unit Conditions
min.
typ.
max.
Current Consumption
4.1.1
Supply current
I
S
–3.0
7.0
mA
4.1.2
Logic supply current
I
CC
5
10
mA
SPI not active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com