| Electronic Components Datasheet Search |
|
TLE8201R Datasheet(PDF) 17 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8201R Datasheet(HTML) 17 Page - Infineon Technologies AG |
|
17 / 45 page ![]() TLE 8201R Data Sheet Rev. 2.0 17 2006-06-07 Table 2 Control bit definitions Control Bit Definition LSxON low-side switch no. x is turned ON (OFF) if this bit is set to HIGH (LOW) HSxON high-side switch no. x is turned ON (OFF) if this bit is set to HIGH (LOW) xsel1 power switch x is selected to be switched by the PWM1 input. xsel2 power switch x is selected to be switched by the PWM2 input OpL7ON the pull-up current for open-load detection on output 7 is switched on (off) if this bit is set to HIGH (LOW) OpL89ON the pull-up currents for open-load detection on outputs 8 and 9 are switched on (off) if this bit is set to HIGH (LOW) OpL1011ON the pull-up currents for open-load detection on outputs 10 and 11are switched on (off) if this bit is set to HIGH (LOW) IS_x the output for the current sense multiplexer is selected by these bits: IS_2 IS_1 IS_0 Power stage selected for current sense 000HS1 001HS2 010HS3 011HS4 100HS7 all others no output selected ( I ISO = 0) SRR Status Register Reset. If set to high, the error bits of the selected status register are reset after transmission of the data in the next SPI frame (see <Fett>Section 4.3.4) RA_x Register Address, selects the control-register address for the current SPI transmission and the status-register address for the next SPI transmission |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |