| Electronic Components Datasheet Search |
|
TLE8201R Datasheet(PDF) 20 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8201R Datasheet(HTML) 20 Page - Infineon Technologies AG |
|
20 / 45 page ![]() TLE 8201R Data Sheet Rev. 2.0 20 2006-06-07 4.3.4 Status Register Address selection and Reset The SPI is using a standard shift-register concept with daisy-chain capability. Any data transmitted to the SPI will be available to the internal logic part at the end of the SPI transmission (CSN L -> H). To read a specific register, the address of the register is sent by the master to the SPI in a first SPI frame. The data that corresponds to this address is transmitted by the SPI DO during the following (second) SPI frame to the master. The default address for Status Register transmission after Power-ON Reset is 00. The Status-Register-Reset command-bit is executed after the next SPI transmission. The three bits RA_0, RA_1 and SRR act as command to read and reset (or not reset) the addressed Status-Register. This is also explained in Figure 5. The TSD status bit is not part of the adressable data but of the address independent data. When any of the status registers is reset, the TSD bit is reset, too. Figure 5 Status Register Addressing and Reset CSN SI SO Com- ment Status Register 01 is transferred to SPI master, but not reset after transmission Status Register 10 is transferred to SPI master, and reset after transmission StatReg10 is reset after CSN L->H After Power-ON Reset, Status Register 00 is sent by default t x x x x x x x x 01 0 x x x x x 10 1 x x x x x x x x x x x x x x x x x x x x x 01 1 x x x x x |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |