Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny85-15ST1 Datasheet(PDF) 82 Page - ATMEL Corporation

Part # ATtiny85-15ST1
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny85-15ST1 Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button ATtiny85-15ST1 Datasheet HTML 78Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 79Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 80Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 81Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 82Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 83Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 84Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 85Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 196 page
background image
82
7598H–AVR–07/09
ATtiny25/45/85
Figure 14-2. Timer/Counter 1 Synchronization Register Block Diagram.
Timer/Counter1 and the prescaler allow running the CPU from any clock source while the pres-
caler is operating on the fast 64 MHz (or 32 MHz in Low Speed Mode) PCK clock in the
asynchronous mode.
Note that the system clock frequency must be lower than one third of the PCK frequency. The
synchronization mechanism of the asynchronous Timer/Counter1 needs at least two edges of
the PCK when the system clock is high. If the frequency of the system clock is too high, it is a
risk that data or control values are lost.
The following Figure 14-3 shows the block diagram for Timer/Counter1.
8-BIT DATABUS
OCR1A
OCR1A_SI
TCNT_SO
OCR1B
OCR1B_SI
OCR1C
OCR1C_SI
TCCR1
TCCR1_SI
GTCCR
GTCCR_SI
TCNT1
TCNT1_SI
OCF1A
OCF1A_SI
OCF1B
OCF1B_SI
TOV1
TOV1_SI
TOV1_SO
OCF1B_SO
OCF1A_SO
TCNT1
S
A
S
A
PCKE
CK
PCK
IO-registers
Input synchronization
registers
Timer/Counter1
Output synchronization
registers
SYNC
MODE
ASYNC
MODE
1 CK Delay
1/2 CK Delay
1 - 2 PCK Delay
1 PCK Delay
~1 CK Delay
No Delay
TCNT1
OCF1A
OCF1B
TOV1
1/2 CK Delay
1 CK Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com