Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny85-15ST1 Datasheet(PDF) 89 Page - ATMEL Corporation

Part # ATtiny85-15ST1
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny85-15ST1 Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button ATtiny85-15ST1 Datasheet HTML 85Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 86Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 87Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 88Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 89Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 90Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 91Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 92Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 196 page
background image
89
7598H–AVR–07/09
ATtiny25/45/85
In PWM mode (either PWM1A=1 or PWM1B=1) the bit TOV1 is set (one) when compare match
occurs between Timer/Counter1 and data value in OCR1C - Output Compare Register 1C.
Clearing the Timer/Counter1 with the bit CTC1 does not generate an overflow.
When the SREG I-bit, and TOIE1 (Timer/Counter1 Overflow Interrupt Enable), and TOV1 are set
(one), the Timer/Counter1 Overflow interrupt is executed.
• Bit 0 - Res: Reserved Bit
This bit is a reserved bit in the ATtiny25/45/85 and always reads as zero.
14.1.9
PLL Control and Status Register - PLLCSR
• Bit 7- LSM: Low Speed Mode
The high speed mode is enabled as default and the fast peripheral clock is 64 MHz, but the low
speed mode can be set by writing the LSM bit to one. Then the fast peripheral clock is scaled
down to 32 MHz. The low speed mode must be set, if the supply voltage is below 2.7 volts,
because the Timer/Counter1 is not running fast enough on low voltage levels. It is highly recom-
mended that Timer/Counter1 is stopped whenever the LSM bit is changed.
• Bit 6.. 3- Res : Reserved Bits
These bits are reserved bits in the ATtiny25/45/85 and always read as zero.
• Bit 2- PCKE: PCK Enable
The PCKE bit change the Timer/Counter1 clock source. When it is set, the asynchronous clock
mode is enabled and fast 64 MHz (or 32 MHz in Low Speed Mode) PCK clock is used as
Timer/Counter1 clock source. If this bit is cleared, the synchronous clock mode is enabled, and
system clock CK is used as Timer/Counter1 clock source. This bit can be set only if PLLE bit is
set. It is safe to set this bit only when the PLL is locked i.e the PLOCK bit is 1. The bit PCKE can
only be set, if the PLL has been enabled earlier.
• Bit 1- PLLE: PLL Enable
When the PLLE is set, the PLL is started and if needed internal RC-oscillator is started as a PLL
reference clock. If PLL is selected as a system clock source the value for this bit is always 1.
• Bit 0- PLOCK: PLL Lock Detector
When the PLOCK bit is set, the PLL is locked to the reference clock, and it is safe to enable PCK
for Timer/Counter1. After the PLL is enabled, it takes about 100 micro seconds for the PLL to
lock.
14.1.10
Timer/Counter1 Initialization for Asynchronous Mode
To change Timer/Counter1 to the asynchronous mode, first enable PLL, wait 100 µs before poll-
ing the PLOCK bit until it is set, and then set the PCKE bit.
Bit
765
43210
$27 ($27)
LSM
-
-
-
-
PCKE
PLLE
PLOCK
PLLCSR
Read/Write
R/W
RRRR
R/W
R/W
R
Initial value
0
0
0
0
0
0
0/1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com