Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny85-15ST1 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATtiny85-15ST1
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny85-15ST1 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATtiny85-15ST1 Datasheet HTML 22Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 23Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 24Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 25Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 26Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 27Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 28Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 29Page - ATMEL Corporation ATtiny85-15ST1 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 196 page
background image
26
7598H–AVR–07/09
ATtiny25/45/85
6.6
Calibrated Internal RC Oscillator
The calibrated internal RC Oscillator provides an 8.0 MHz clock. The frequency is the nominal
value at 3V and 25°C. If the frequency exceeds the specification of the device (depends on V
CC),
the CKDIV8 Fuse must be programmed in order to divide the internal frequency by 8 during
start-up. See “System Clock Prescaler” on page 29. for more details. This clock may be selected
as the system clock by programming the CKSEL Fuses as shown in Table 6-6. If selected, it will
operate with no external components. During reset, hardware loads the calibration byte into the
OSCCAL Register and thereby automatically calibrates the RC Oscillator. At 3V and 25°C, this
calibration gives a frequency within ± 1% of the nominal frequency. When this Oscillator is used
as the chip clock, the Watchdog Oscillator will still be used for the Watchdog Timer and for the
Reset Time-out. For more information on the pre-programmed calibration value, see the section
“Calibration Byte” on page 137.
Note:
1. The device is shipped with this option selected.
When this Oscillator is selected, start-up times are determined by the SUT Fuses as shown in
Table 6-7.
Note:
1. The device is shipped with this option selected.
6.6.1
Oscillator Calibration Register – OSCCAL
• Bits 7..0 – CAL7..0: Oscillator Calibration Value
Writing the calibration byte to this address will trim the internal Oscillator to remove process vari-
ations from the Oscillator frequency. This is done automatically during Chip Reset. When
OSCCAL is zero, the lowest available frequency is chosen. Writing non-zero values to this regis-
ter will increase the frequency of the internal Oscillator. Writing 0xFF to the register gives the
highest available frequency. The calibrated Oscillator is used to time EEPROM and Flash
access. If EEPROM or Flash is written, do not calibrate to more than 8.8 MHz frequency. Other-
wise, the EEPROM or Flash write may fail.
Table 6-6.
Internal Calibrated RC Oscillator Operating Modes
CKSEL3..0
Nominal Frequency
0010
(1)
8.0 MHz
Table 6-7.
Start-up Times for the Internal Calibrated RC Oscillator Clock Selection
SUT1..0
Start-up Time
from Power-down
Additional Delay from
Reset (VCC = 5.0V)
Recommended Usage
00
6 CK
14CK + 4 ms
BOD enabled
01
6 CK
14CK + 4 ms
Fast rising power
10(1)
6 CK
14CK + 64 ms
Slowly rising power
11
Reserved
Bit
765
432
10
CAL7
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
OSCCAL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
Device Specific Calibration Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com