Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 291 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 291 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 287Page - ATMEL Corporation ATmega1284P Datasheet HTML 288Page - ATMEL Corporation ATmega1284P Datasheet HTML 289Page - ATMEL Corporation ATmega1284P Datasheet HTML 290Page - ATMEL Corporation ATmega1284P Datasheet HTML 291Page - ATMEL Corporation ATmega1284P Datasheet HTML 292Page - ATMEL Corporation ATmega1284P Datasheet HTML 293Page - ATMEL Corporation ATmega1284P Datasheet HTML 294Page - ATMEL Corporation ATmega1284P Datasheet HTML 295Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 380 page
background image
291
8059D–AVR–11/09
ATmega1284P
25. Memory Programming
25.1
Program And Data Memory Lock Bits
The ATmega1284P provides six Lock bits which can be left unprogrammed (“1”) or can be pro-
grammed (“0”) to obtain the additional features listed in Table 25-2. The Lock bits can only be
erased to “1” with the Chip Erase command.
Note:
1. “1” means unprogrammed, “0” means programmed
Table 25-1.
Lock Bit Byte
(1)
Lock Bit Byte
Bit No
Description
Default Value
7
–
1 (unprogrammed)
6
–
1 (unprogrammed)
BLB12
5
Boot Lock bit
1 (unprogrammed)
BLB11
4
Boot Lock bit
1 (unprogrammed)
BLB02
3
Boot Lock bit
1 (unprogrammed)
BLB01
2
Boot Lock bit
1 (unprogrammed)
LB2
1
Lock bit
1 (unprogrammed)
LB1
0
Lock bit
1 (unprogrammed)
Table 25-2.
Lock Bit Protection Modes
(1)(2)
Memory Lock Bits
Protection Type
LB Mode
LB2
LB1
1
1
1
No memory lock features enabled.
21
0
Further programming of the Flash and EEPROM is disabled in
Parallel and Serial Programming mode. The Fuse bits are
locked in both Serial and Parallel Programming mode.(1)
30
0
Further programming and verification of the Flash and EEPROM
is disabled in Parallel and Serial Programming mode. The Boot
Lock bits and Fuse bits are locked in both Serial and Parallel
Programming mode.(1)
BLB0 Mode
BLB02
BLB01
11
1
No restrictions for SPM or (E)LPM accessing the Application
section.
2
1
0
SPM is not allowed to write to the Application section.
30
0
SPM is not allowed to write to the Application section, and
(E)LPM executing from the Boot Loader section is not allowed to
read from the Application section. If Interrupt Vectors are placed
in the Boot Loader section, interrupts are disabled while
executing from the Application section.
40
1
(E)LPM executing from the Boot Loader section is not allowed to
read from the Application section. If Interrupt Vectors are placed
in the Boot Loader section, interrupts are disabled while
executing from the Application section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com