Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 293 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 293 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 289Page - ATMEL Corporation ATmega1284P Datasheet HTML 290Page - ATMEL Corporation ATmega1284P Datasheet HTML 291Page - ATMEL Corporation ATmega1284P Datasheet HTML 292Page - ATMEL Corporation ATmega1284P Datasheet HTML 293Page - ATMEL Corporation ATmega1284P Datasheet HTML 294Page - ATMEL Corporation ATmega1284P Datasheet HTML 295Page - ATMEL Corporation ATmega1284P Datasheet HTML 296Page - ATMEL Corporation ATmega1284P Datasheet HTML 297Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 380 page
background image
293
8059D–AVR–11/09
ATmega1284P
Note:
1. The SPIEN Fuse is not accessible in serial programming mode.
2. The default value of BOOTSZ1..0 results in maximum Boot Size. See Table 24-7 on page 288
for details.
3. See ”WDTCSR – Watchdog Timer Control Register” on page 57 for details.
4. Never ship a product with the OCDEN Fuse programmed regardless of the setting of Lock bits
and JTAGEN Fuse. A programmed OCDEN Fuse enables some parts of the clock system to
be running in all sleep modes. This may increase the power consumption.
Note:
1. The default value of SUT1..0 results in maximum start-up time for the default clock source.
See ”System and Reset Characteristics” on page 327 for details.
2. The default setting of CKSEL3..0 results in internal RC Oscillator @ 8 MHz. See Table 7-1 on
page 28 for details.
3. The CKOUT Fuse allow the system clock to be output on PORTB1. See ”Clock Output Buffer”
on page 36 for details.
4. See ”System Clock Prescaler” on page 36 for details.
The status of the Fuse bits is not affected by Chip Erase. Note that the Fuse bits are locked if
Lock bit1 (LB1) is programmed. Program the Fuse bits before programming the Lock bits.
Table 25-4.
Fuse High Byte
Fuse High Byte
Bit No
Description
Default Value
OCDEN(4)
7Enable OCD
1 (unprogrammed, OCD
disabled)
JTAGEN
6
Enable JTAG
0 (programmed, JTAG enabled)
SPIEN(1)
5
Enable Serial Program and Data
Downloading
0 (programmed, SPI prog.
enabled)
WDTON(3)
4
Watchdog Timer always on
1 (unprogrammed)
EESAVE
3
EEPROM memory is preserved
through the Chip Erase
1 (unprogrammed, EEPROM
not preserved)
BOOTSZ1
2
Select Boot Size (see Table 25-9 for
details)
0 (programmed)(2)
BOOTSZ0
1
Select Boot Size (see Table 25-9 for
details)
0 (programmed)(2)
BOOTRST
0
Select Reset Vector
1 (unprogrammed)
Table 25-5.
Fuse Low Byte
Fuse Low Byte
Bit No
Description
Default Value
CKDIV8(4)
7
Divide clock by 8
0 (programmed)
CKOUT(3)
6
Clock output
1 (unprogrammed)
SUT1
5
Select start-up time
1 (unprogrammed)(1)
SUT0
4
Select start-up time
0 (programmed)(1)
CKSEL3
3
Select Clock source
0 (programmed)(2)
CKSEL2
2
Select Clock source
0 (programmed)(2)
CKSEL1
1
Select Clock source
1 (unprogrammed)(2)
CKSEL0
0
Select Clock source
0 (programmed)(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com