Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 296 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 296 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 292Page - ATMEL Corporation ATmega1284P Datasheet HTML 293Page - ATMEL Corporation ATmega1284P Datasheet HTML 294Page - ATMEL Corporation ATmega1284P Datasheet HTML 295Page - ATMEL Corporation ATmega1284P Datasheet HTML 296Page - ATMEL Corporation ATmega1284P Datasheet HTML 297Page - ATMEL Corporation ATmega1284P Datasheet HTML 298Page - ATMEL Corporation ATmega1284P Datasheet HTML 299Page - ATMEL Corporation ATmega1284P Datasheet HTML 300Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 380 page
background image
296
8059D–AVR–11/09
ATmega1284P
,
Table 25-10. BS2 and BS1 Encoding
BS2
BS1
Flash / EEPROM
Address
Flash Data
Loading /
Reading
Fuse
Programming
Reading Fuse
and Lock Bits
0
0
Low Byte
Low Byte
Low Byte
Fuse Low Byte
0
1
High Byte
High Byte
High Byte
Lockbits
10
Extended High
Byte
Reserved
Extended Byte
Extended Fuse
Byte
1
1
Reserved
Reserved
Reserved
Fuse High Byte
Table 25-11. Pin Values Used to Enter Programming Mode
Pin
Symbol
Value
PAGEL
Prog_enable[3]
0
XA1
Prog_enable[2]
0
XA0
Prog_enable[1]
0
BS1
Prog_enable[0]
0
Table 25-12. XA1 and XA0 Enoding
XA1
XA0
Action when XTAL1 is Pulsed
00
Load Flash or EEPROM Address (High or low address byte determined
by BS2 and BS1).
0
1
Load Data (High or Low data byte for Flash determined by BS1).
1
0
Load Command
1
1
No Action, Idle
Table 25-13. Command Byte Bit Encoding
Command Byte
Command Executed
1000 0000
Chip Erase
0100 0000
Write Fuse bits
0010 0000
Write Lock bits
0001 0000
Write Flash
0001 0001
Write EEPROM
0000 1000
Read Signature Bytes and Calibration byte
0000 0100
Read Fuse and Lock bits
0000 0010
Read Flash
0000 0011
Read EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com