Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 300 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 300 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 296Page - ATMEL Corporation ATmega1284P Datasheet HTML 297Page - ATMEL Corporation ATmega1284P Datasheet HTML 298Page - ATMEL Corporation ATmega1284P Datasheet HTML 299Page - ATMEL Corporation ATmega1284P Datasheet HTML 300Page - ATMEL Corporation ATmega1284P Datasheet HTML 301Page - ATMEL Corporation ATmega1284P Datasheet HTML 302Page - ATMEL Corporation ATmega1284P Datasheet HTML 303Page - ATMEL Corporation ATmega1284P Datasheet HTML 304Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 380 page
background image
300
8059D–AVR–11/09
ATmega1284P
programmed simultaneously. The programming algorithm for the EEPROM data memory is as
follows (refer to ”Programming the Flash” on page 297 for details on Command, Address and
Data loading):
1.
A: Load Command “0001 0001”.
2.
G: Load Address High Byte (0x00 - 0xFF).
3.
B: Load Address Low Byte (0x00 - 0xFF).
4.
C: Load Data (0x00 - 0xFF).
5.
E: Latch data (give PAGEL a positive pulse).
K: Repeat 3 through 5 until the entire buffer is filled.
L: Program EEPROM page
1.
Set BS2, BS1 to “00”.
2.
Give WR a negative pulse. This starts programming of the EEPROM page. RDY/BSY
goes low.
3.
Wait until to RDY/BSY goes high before programming the next page (See Figure 25-4 for
signal waveforms).
Figure 25-4. Programming the EEPROM Waveforms
25.7.6
Reading the Flash
The algorithm for reading the Flash memory is as follows (refer to ”Programming the Flash” on
page 297 for details on Command and Address loading):
1.
A: Load Command “0000 0010”.
2.
H: Load Address Extended Byte (0x00- 0xFF).
3.
G: Load Address High Byte (0x00 - 0xFF).
4.
B: Load Address Low Byte (0x00 - 0xFF).
5.
Set OE to “0”, and BS1 to “0”. The Flash word low byte can now be read at DATA.
6.
Set BS to “1”. The Flash word high byte can now be read at DATA.
7.
Set OE to “1”.
RDY/BSY
WR
OE
RESET +12V
PAGEL
BS2
0x11
ADDR. HIGH
DATA
ADDR. LOW
DATA
ADDR. LOW
DATA
XX
XA1
XA0
BS1
XTAL1
XX
AG
B
C
E
B
C
E
L
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com