Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 302 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 302 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 298Page - ATMEL Corporation ATmega1284P Datasheet HTML 299Page - ATMEL Corporation ATmega1284P Datasheet HTML 300Page - ATMEL Corporation ATmega1284P Datasheet HTML 301Page - ATMEL Corporation ATmega1284P Datasheet HTML 302Page - ATMEL Corporation ATmega1284P Datasheet HTML 303Page - ATMEL Corporation ATmega1284P Datasheet HTML 304Page - ATMEL Corporation ATmega1284P Datasheet HTML 305Page - ATMEL Corporation ATmega1284P Datasheet HTML 306Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 380 page
background image
302
8059D–AVR–11/09
ATmega1284P
25.7.9
Programming the Fuse High Bits
The algorithm for programming the Fuse High bits is as follows (refer to ”Programming the
Flash” on page 297 for details on Command and Data loading):
1.
A: Load Command “0100 0000”.
2.
C: Load Data Low Byte. Bit n = “0” programs and bit n = “1” erases the Fuse bit.
3.
Set BS2, BS1 to “01”. This selects high data byte.
4.
Give WR a negative pulse and wait for RDY/BSY to go high.
5.
Set BS2, BS1 to “00”. This selects low data byte.
25.7.10
Programming the Extended Fuse Bits
The algorithm for programming the Extended Fuse bits is as follows (refer to ”Programming the
Flash” on page 297 for details on Command and Data loading):
1.
1. A: Load Command “0100 0000”.
2.
2. C: Load Data Low Byte. Bit n = “0” programs and bit n = “1” erases the Fuse bit.
3.
3. Set BS2, BS1 to “10”. This selects extended data byte.
4.
4. Give WR a negative pulse and wait for RDY/BSY to go high.
5.
5. Set BS2, BS1 to “00”. This selects low data byte.
Figure 25-5. Programming the FUSES Waveforms
25.7.11
Programming the Lock Bits
The algorithm for programming the Lock bits is as follows (refer to ”Programming the Flash” on
page 297 for details on Command and Data loading):
1.
A: Load Command “0010 0000”.
2.
C: Load Data Low Byte. Bit n = “0” programs the Lock bit. If LB mode 3 is programmed
(LB1 and LB2 is programmed), it is not possible to program the Boot Lock bits by any
External Programming mode.
3.
Give WR a negative pulse and wait for RDY/BSY to go high.
The Lock bits can only be cleared by executing Chip Erase.
RDY/BSY
WR
OE
RESET +12V
PAGEL
0x40
DATA
DATA
XX
XA1
XA0
BS1
XTAL1
AC
0x40
DATA
XX
AC
Write Fuse Low byte
Write Fuse high byte
0x40
DATA
XX
AC
Write Extended Fuse byte
BS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com