Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 301 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 301 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 297Page - ATMEL Corporation ATmega1284P Datasheet HTML 298Page - ATMEL Corporation ATmega1284P Datasheet HTML 299Page - ATMEL Corporation ATmega1284P Datasheet HTML 300Page - ATMEL Corporation ATmega1284P Datasheet HTML 301Page - ATMEL Corporation ATmega1284P Datasheet HTML 302Page - ATMEL Corporation ATmega1284P Datasheet HTML 303Page - ATMEL Corporation ATmega1284P Datasheet HTML 304Page - ATMEL Corporation ATmega1284P Datasheet HTML 305Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 380 page
background image
301
8059D–AVR–11/09
ATmega1284P
25.7.7
Reading the EEPROM
The algorithm for reading the EEPROM memory is as follows (refer to ”Programming the Flash”
on page 297 for details on Command and Address loading):
1.
A: Load Command “0000 0011”.
2.
G: Load Address High Byte (0x00 - 0xFF).
3.
B: Load Address Low Byte (0x00 - 0xFF).
4.
Set OE to “0”, and BS1 to “0”. The EEPROM Data byte can now be read at DATA.
5.
Set OE to “1”.
25.7.8
Programming the Fuse Low Bits
The algorithm for programming the Fuse Low bits is as follows (refer to ”Programming the Flash”
on page 297 for details on Command and Data loading):
1.
A: Load Command “0100 0000”.
2.
C: Load Data Low Byte. Bit n = “0” programs and bit n = “1” erases the Fuse bit.
3.
Give WR a negative pulse and wait for RDY/BSY to go high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com