Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 298 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 298 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 294Page - ATMEL Corporation ATmega1284P Datasheet HTML 295Page - ATMEL Corporation ATmega1284P Datasheet HTML 296Page - ATMEL Corporation ATmega1284P Datasheet HTML 297Page - ATMEL Corporation ATmega1284P Datasheet HTML 298Page - ATMEL Corporation ATmega1284P Datasheet HTML 299Page - ATMEL Corporation ATmega1284P Datasheet HTML 300Page - ATMEL Corporation ATmega1284P Datasheet HTML 301Page - ATMEL Corporation ATmega1284P Datasheet HTML 302Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 380 page
background image
298
8059D–AVR–11/09
ATmega1284P
4.
Give XTAL1 a positive pulse. This loads the command.
B. Load Address Low byte (Address bits 7..0)
1.
Set XA1, XA0 to “00”. This enables address loading.
2.
Set BS2, BS1 to “00”. This selects the address low byte.
3.
Set DATA = Address low byte (0x00 - 0xFF).
4.
Give XTAL1 a positive pulse. This loads the address low byte.
C. Load Data Low Byte
1.
Set XA1, XA0 to “01”. This enables data loading.
2.
Set DATA = Data low byte (0x00 - 0xFF).
3.
Give XTAL1 a positive pulse. This loads the data byte.
D. Load Data High Byte
1.
Set BS1 to “1”. This selects high data byte.
2.
Set XA1, XA0 to “01”. This enables data loading.
3.
Set DATA = Data high byte (0x00 - 0xFF).
4.
Give XTAL1 a positive pulse. This loads the data byte.
E. Latch Data
1.
Set BS1 to “1”. This selects high data byte.
2.
Give PAGEL a positive pulse. This latches the data bytes. (See Figure 25-3 on page 299
for signal waveforms)
F. Repeat B through E until the entire buffer is filled or until all data within the page is loaded.
While the lower bits in the address are mapped to words within the page, the higher bits address
the pages within the FLASH. This is illustrated in Figure 25-2 on page 299. Note that if less than
eight bits are required to address words in the page (pagesize < 256), the most significant bit(s)
in the address low byte are used to address the page when performing a Page Write.
G. Load Address High byte (Address bits15..8)
1.
Set XA1, XA0 to “00”. This enables address loading.
2.
Set BS2, BS1 to “01”. This selects the address high byte.
3.
Set DATA = Address high byte (0x00 - 0xFF).
4.
Give XTAL1 a positive pulse. This loads the address high byte.
H. Load Address Extended High byte (Address bits 23..16)
1.
Set XA1, XA0 to “00”. This enables address loading.
2.
Set BS2, BS1 to “10”. This selects the address extended high byte.
3.
Set DATA = Address extended high byte (0x00 - 0xFF).
4.
Give XTAL1 a positive pulse. This loads the address high byte.
I. Program Page
1.
Set BS2, BS1 to “00”
2.
Give WR a negative pulse. This starts programming of the entire page of data. RDY/BSY
goes low.
3.
Wait until RDY/BSY goes high (See Figure 25-3 on page 299 for signal waveforms).
J. Repeat B through I until the entire Flash is programmed or until all data has been
programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com