Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 294 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 294 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 290Page - ATMEL Corporation ATmega1284P Datasheet HTML 291Page - ATMEL Corporation ATmega1284P Datasheet HTML 292Page - ATMEL Corporation ATmega1284P Datasheet HTML 293Page - ATMEL Corporation ATmega1284P Datasheet HTML 294Page - ATMEL Corporation ATmega1284P Datasheet HTML 295Page - ATMEL Corporation ATmega1284P Datasheet HTML 296Page - ATMEL Corporation ATmega1284P Datasheet HTML 297Page - ATMEL Corporation ATmega1284P Datasheet HTML 298Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 380 page
background image
294
8059D–AVR–11/09
ATmega1284P
25.2.1
Latching of Fuses
The fuse values are latched when the device enters programming mode and changes of the
fuse values will have no effect until the part leaves Programming mode. This does not apply to
the EESAVE Fuse which will take effect once it is programmed. The fuses are also latched on
Power-up in Normal mode.
25.3
Signature Bytes
All Atmel microcontrollers have a three-byte signature code which identifies the device. This
code can be read in both serial and parallel mode, also when the device is locked. The three
bytes reside in a separate address space. For the ATmega1284P the signature bytes are given
in Table 25-6.
25.4
Calibration Byte
The ATmega1284P has a byte calibration value for the internal RC Oscillator. This byte resides
in the high byte of address 0x000 in the signature address space. During reset, this byte is auto-
matically written into the OSCCAL Register to ensure correct frequency of the calibrated RC
Oscillator.
25.5
Page Size
25.6
Parallel Programming Parameters, Pin Mapping, and Commands
This section describes how to parallel program and verify Flash Program memory, EEPROM
Data memory, Memory Lock bits, and Fuse bits in the ATmega1284P. Pulses are assumed to be
at least 250 ns unless otherwise noted.
25.6.1
Signal Names
In this section, some pins of the ATmega1284P are referenced by signal names describing their
functionality during parallel programming, see Figure 25-1 on page 295 and Figure 25-9 on page
295. Pins not described in the following table are referenced by pin names.
Table 25-6.
Device and JTAG ID
Part
Signature Bytes Address
JTAG
0x000
0x001
0x002
Part Number
Manufacture ID
ATmega1284P
0x1E
0x97
0x05
9705
0x1F
Table 25-7.
No. of Words in a Page and No. of Pages in the Flash
Device
Flash Size
Page Size
PCWORD
No. of Pages
PCPAGE
PCMSB
ATmega1284P
64K words (128 Kbytes)
128 words
PC[6:0]
512
PC[15:7]
15
Table 25-8.
No. of Words in a Page and No. of Pages in the EEPROM
Device
EEPROM Size
Page Size
PCWORD
No. of Pages
PCPAGE
EEAMSB
ATmega1284P
4 Kbytes
8 bytes
EEA[2:0]
512
EEA[11:3]
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com