Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 303 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 303 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 299Page - ATMEL Corporation ATmega1284P Datasheet HTML 300Page - ATMEL Corporation ATmega1284P Datasheet HTML 301Page - ATMEL Corporation ATmega1284P Datasheet HTML 302Page - ATMEL Corporation ATmega1284P Datasheet HTML 303Page - ATMEL Corporation ATmega1284P Datasheet HTML 304Page - ATMEL Corporation ATmega1284P Datasheet HTML 305Page - ATMEL Corporation ATmega1284P Datasheet HTML 306Page - ATMEL Corporation ATmega1284P Datasheet HTML 307Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 380 page
background image
303
8059D–AVR–11/09
ATmega1284P
25.7.12
Reading the Fuse and Lock Bits
The algorithm for reading the Fuse and Lock bits is as follows (refer to ”Programming the Flash”
on page 297 for details on Command loading):
1.
A: Load Command “0000 0100”.
2.
Set OE to “0”, and BS2, BS1 to “00”. The status of the Fuse Low bits can now be read at
DATA (“0” means programmed).
3.
Set OE to “0”, and BS2, BS1 to “11”. The status of the Fuse High bits can now be read at
DATA (“0” means programmed).
4.
Set OE to “0”, and BS2, BS1 to “10”. The status of the Extended Fuse bits can now be
read at DATA (“0” means programmed).
5.
Set OE to “0”, and BS2, BS1 to “01”. The status of the Lock bits can now be read at DATA
(“0” means programmed).
6.
Set OE to “1”.
Figure 25-6. Mapping Between BS1, BS2 and the Fuse and Lock Bits During Read
25.7.13
Reading the Signature Bytes
The algorithm for reading the Signature bytes is as follows (refer to ”Programming the Flash” on
page 297 for details on Command and Address loading):
1.
A: Load Command “0000 1000”.
2.
B: Load Address Low Byte (0x00 - 0x02).
3.
Set OE to “0”, and BS to “0”. The selected Signature byte can now be read at DATA.
4.
Set OE to “1”.
25.7.14
Reading the Calibration Byte
The algorithm for reading the Calibration byte is as follows (refer to ”Programming the Flash” on
page 297 for details on Command and Address loading):
1.
A: Load Command “0000 1000”.
2.
B: Load Address Low Byte, 0x00.
3.
Set OE to “0”, and BS1 to “1”. The Calibration byte can now be read at DATA.
4.
Set OE to “1”.
Lock Bits
0
1
BS2
Fuse High Byte
0
1
BS1
DATA
Fuse Low Byte
0
1
BS2
Extended Fuse Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com