Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 304 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 304 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 300Page - ATMEL Corporation ATmega1284P Datasheet HTML 301Page - ATMEL Corporation ATmega1284P Datasheet HTML 302Page - ATMEL Corporation ATmega1284P Datasheet HTML 303Page - ATMEL Corporation ATmega1284P Datasheet HTML 304Page - ATMEL Corporation ATmega1284P Datasheet HTML 305Page - ATMEL Corporation ATmega1284P Datasheet HTML 306Page - ATMEL Corporation ATmega1284P Datasheet HTML 307Page - ATMEL Corporation ATmega1284P Datasheet HTML 308Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 380 page
background image
304
8059D–AVR–11/09
ATmega1284P
25.7.15
Parallel Programming Characteristics
Notes:
1.
tWLRH is valid for the Write Flash, Write EEPROM, Write Fuse bits and Write Lock bits
commands.
2.
tWLRH_CE is valid for the Chip Erase command.
Table 25-14. Parallel Programming Characteristics, V
CC = 5V ± 10%
Symbol
Parameter
Min
Typ
Max
Units
VPP
Programming Enable Voltage
11.5
12.5
V
IPP
Programming Enable Current
250
μA
tDVXH
Data and Control Valid before XTAL1 High
67
ns
tXLXH
XTAL1 Low to XTAL1 High
200
ns
tXHXL
XTAL1 Pulse Width High
150
ns
tXLDX
Data and Control Hold after XTAL1 Low
67
ns
tXLWL
XTAL1 Low to WR Low
0
ns
tXLPH
XTAL1 Low to PAGEL high
0
ns
tPLXH
PAGEL low to XTAL1 high
150
ns
tBVPH
BS1 Valid before PAGEL High
67
ns
tPHPL
PAGEL Pulse Width High
150
ns
tPLBX
BS1 Hold after PAGEL Low
67
ns
tWLBX
BS2/1 Hold after WR Low
67
ns
tPLWL
PAGEL Low to WR Low
67
ns
tBVWL
BS2/1 Valid to WR Low
67
ns
tWLWH
WR Pulse Width Low
150
ns
tWLRL
WR Low to RDY/BSY Low
0
1
μs
tWLRH
WR Low to RDY/BSY High
(1)
3.7
4.5
ms
tWLRH_CE
WR Low to RDY/BSY High for Chip Erase
(2)
7.5
9
ms
tXLOL
XTAL1 Low to OE Low
0
ns
tBVDV
BS1 Valid to DATA valid
0
250
ns
tOLDV
OE Low to DATA Valid
250
ns
tOHDZ
OE High to DATA Tri-stated
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com