Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5713PHPR Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5713PHPR
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5713PHPR Datasheet(HTML) 51 Page - Texas Instruments

Back Button TAS5713PHPR Datasheet HTML 47Page - Texas Instruments TAS5713PHPR Datasheet HTML 48Page - Texas Instruments TAS5713PHPR Datasheet HTML 49Page - Texas Instruments TAS5713PHPR Datasheet HTML 50Page - Texas Instruments TAS5713PHPR Datasheet HTML 51Page - Texas Instruments TAS5713PHPR Datasheet HTML 52Page - Texas Instruments TAS5713PHPR Datasheet HTML 53Page - Texas Instruments TAS5713PHPR Datasheet HTML 54Page - Texas Instruments TAS5713PHPR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
TAS5713
www.ti.com
SLOS637 – DECEMBER 2009
PWM SHUTDOWN GROUP REGISTER (0x19)
Settings of this register determine which PWM channels are active. The value should be 0x30 for BTL mode and
0x3A for PBTL mode. The default value of this register is 0x30. The functionality of this register is tied to the
state of bit D5 in the system control register.
This register defines which channels belong to the shutdown group (SDG). If a 1 is set in the shutdown group
register, that particular channel is not started following an exit out of all-channel shutdown command (if bit D5 is
set to 0 in system control register 2, 0x05).
Table 16. Shutdown Group Register
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
Reserved (1)
0
Reserved (1)
1
Reserved (1)
1
Reserved (1)
0
PWM channel 4 does not belong to shutdown group. (1)
1
PWM channel 4 belongs to shutdown group.
0
PWM channel 3 does not belong to shutdown group. (1)
1
PWM channel 3 belongs to shutdown group.
0
PWM channel 2 does not belong to shutdown group. (1)
1
PWM channel 2 belongs to shutdown group.
0
PWM channel 1 does not belong to shutdown group. (1)
1
PWM channel 1 belongs to shutdown group.
(1)
Default values are in bold.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Link(s): TAS5713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com