Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD024OX8 Datasheet(PDF) 35 Page - AZ Displays

Part # PD024OX8
Description  TECHNICAL SPECIFICATION
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD024OX8 Datasheet(HTML) 35 Page - AZ Displays

Back Button PD024OX8 Datasheet HTML 31Page - AZ Displays PD024OX8 Datasheet HTML 32Page - AZ Displays PD024OX8 Datasheet HTML 33Page - AZ Displays PD024OX8 Datasheet HTML 34Page - AZ Displays PD024OX8 Datasheet HTML 35Page - AZ Displays PD024OX8 Datasheet HTML 36Page - AZ Displays PD024OX8 Datasheet HTML 37Page - AZ Displays PD024OX8 Datasheet HTML 38Page - AZ Displays PD024OX8 Datasheet HTML 39Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
PD024OX8
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page
35
15. Handling Cautions
15-1) Mounting of module
a) Please power off the module when you connect the input/output connector.
b) Please connect the ground surely. If the connection is not perfect, some following problems
may happen possibly.
1.The noise from the backlight unit will increase.
2.In some cases a part of module will heat.
c) Polarizer which is made of soft material and susceptible to flaw must be handled carefully.
d) Protective film (Laminator) is applied on surface to protect it against scratches and dirt. It is
recommended to peel off the laminator before use and taking care of static electricity.
15-2) Precautions in mounting
a) Wipe off water drops or finger grease immediately. Long contact with water may cause
discoloration or spots.
b) TFT-LCD module uses glass which breaks or cracks easily if dropped or bumped on hard
surface. Please handle with care.
c) Since CMOS LSI is used in the module. So take care of static electricity and earth yourself
when handling.
15-3) Others
a) Do not expose the module to direct sunlight or intensive ultraviolet rays for many hours.
b) Store the module at a room temperature place.
c) The voltage of beginning electric discharge may over the normal voltage because of
leakage current from approach conductor by to draw lump read lead line around.
d) If LCD panel breaks, it is possibly that the liquid crystal escapes from the panel.
Avoid putting it into eyes or mouth. When liquid crystal sticks on hands, clothes or feet.
Wash it out immediately with soap.
e) Observe all other precautionary requirements in handling general electronic components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com