Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD024OX8 Datasheet(PDF) 6 Page - AZ Displays

Part # PD024OX8
Description  TECHNICAL SPECIFICATION
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD024OX8 Datasheet(HTML) 6 Page - AZ Displays

Back Button PD024OX8 Datasheet HTML 2Page - AZ Displays PD024OX8 Datasheet HTML 3Page - AZ Displays PD024OX8 Datasheet HTML 4Page - AZ Displays PD024OX8 Datasheet HTML 5Page - AZ Displays PD024OX8 Datasheet HTML 6Page - AZ Displays PD024OX8 Datasheet HTML 7Page - AZ Displays PD024OX8 Datasheet HTML 8Page - AZ Displays PD024OX8 Datasheet HTML 9Page - AZ Displays PD024OX8 Datasheet HTML 10Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
PD024OX8
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page
6
Note 5-1: VCOM = +5.0 Vp-p. (Typ.)
Note 5-2: The external capacitor is required on those pins as following.
Cap No.
Pin name
Capacitor value.(µF)
Recommand breakdown voltage
C1
C1P/C1N
1
16V
C2
C2P/C2N
1
16V
C3
C3P/C3N
1
25V
C4
C4P/C4N
1
25V
C5
VINT
1
16V
C6
VGH
1
25V
C7
VGL
1
25V
C8
VDDA
1
16V
C9
VSD
1
16V
C10
VCAC
1
16V
C11
FRP
1
16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com