Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD024OX8 Datasheet(PDF) 8 Page - AZ Displays

Part # PD024OX8
Description  TECHNICAL SPECIFICATION
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD024OX8 Datasheet(HTML) 8 Page - AZ Displays

Back Button PD024OX8 Datasheet HTML 4Page - AZ Displays PD024OX8 Datasheet HTML 5Page - AZ Displays PD024OX8 Datasheet HTML 6Page - AZ Displays PD024OX8 Datasheet HTML 7Page - AZ Displays PD024OX8 Datasheet HTML 8Page - AZ Displays PD024OX8 Datasheet HTML 9Page - AZ Displays PD024OX8 Datasheet HTML 10Page - AZ Displays PD024OX8 Datasheet HTML 11Page - AZ Displays PD024OX8 Datasheet HTML 12Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
PD024OX8
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page
8
7-2 Power consumption
Parameter
Symbol
Min
TYP MAX Unit
Remark
Supply voltage of LED backlight
VLED
9.0
10.0
11.5
V
ILED = 20 mA
Supply current of LED backlight
ILED
20
mA
Note 7-3
Backlight Power Consumption
PLED
180
200
230
mW
Note 7-4
Note 7-3: LED B/L applied information, please refer to the appendix at the end.
Note 7-4: PLED = VLED* ILED
GLED
VLED
Parameter
Symbol
Conditions
TYP. MAX. Unit
Remark
ICC
VCC
+3.3V
5.5
7
mA
Supply current for IC driver
PVDD
PVDD1 +3.3V 15
20
mA
Total power consumption
68
90
mW
8. Pixel arrangement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com