Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PW035XS4 Datasheet(PDF) 22 Page - AZ Displays

Part # PW035XS4
Description  TECHNICAL SPECIFICATION
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PW035XS4 Datasheet(HTML) 22 Page - AZ Displays

Back Button PW035XS4 Datasheet HTML 18Page - AZ Displays PW035XS4 Datasheet HTML 19Page - AZ Displays PW035XS4 Datasheet HTML 20Page - AZ Displays PW035XS4 Datasheet HTML 21Page - AZ Displays PW035XS4 Datasheet HTML 22Page - AZ Displays PW035XS4 Datasheet HTML 23Page - AZ Displays PW035XS4 Datasheet HTML 24Page - AZ Displays PW035XS4 Datasheet HTML 25Page - AZ Displays PW035XS4 Datasheet HTML 26Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
PW035XS4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:22
Note 10-3 : Topcon BM-7(fast) luminance meter 1.0 field of view is used in the testing (after
10 minutes operation).
The Minimum Brightness of the 9 testing Points
U =
The Maximum Brightness of the 9 testing Points
25%
50%
75%
25%
50%
75%
1
2
7
36
8
5
4
9
Note 10-4 : The definition of response time :
100%
90%
10%
0%
White
White
Black
Tr
Tf
Note 10-5: The “LED Life time “ is defined as the module brightness decrease to 50% original
Brightness that the ambient temperature is 25
and ILED =20mA.
P-511-414(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com