Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PW035XS4 Datasheet(PDF) 6 Page - AZ Displays

Part # PW035XS4
Description  TECHNICAL SPECIFICATION
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PW035XS4 Datasheet(HTML) 6 Page - AZ Displays

Back Button PW035XS4 Datasheet HTML 2Page - AZ Displays PW035XS4 Datasheet HTML 3Page - AZ Displays PW035XS4 Datasheet HTML 4Page - AZ Displays PW035XS4 Datasheet HTML 5Page - AZ Displays PW035XS4 Datasheet HTML 6Page - AZ Displays PW035XS4 Datasheet HTML 7Page - AZ Displays PW035XS4 Datasheet HTML 8Page - AZ Displays PW035XS4 Datasheet HTML 9Page - AZ Displays PW035XS4 Datasheet HTML 10Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
PW035XS4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:6
5. Input / Output Terminals
TFT-LCD Module Connector
FPC Down Connect , 30Pins , Pitch : 0.5 mm
Pin No Symbol I/O
Description
Remark
1
GLED1
I
Ground for LED backlight
2
VLED1
I
Supply voltage of LED backlight
Note 5-7
3
GLED2
I
Ground for LED backlight
4
VLED2
I
Supply voltage of LED backlight
Note 5-7
5
GND
-
Ground for logic circuit
6
VCC
I
Supply voltage of logic control circuit for gate driver
Note 5-2
7
VEE
I
Negative power for gate driver
Note 5-3
8
VGH
I
Positive power for gate driver
Note 5-4
9
STVD
I/O
Vertical start pulse
10
STVU
I/O
Vertical start pulse
Note 5-8
11
CKV
I
Shift clock for gate driver
12
U/D
I
Up / Down control for gate driver
Note 5-8
13
OE3
I
Output enable for gate driver
14
OE2
I
Output enable for gate driver
15
OE1
I
Output enable for gate driver
16
VCOM
I
Common electrode voltage
Note 5-1
17
STHL
I/O
Start pulse for source driver
Note 5-8
18
VSS2
-
Ground for analog circuit
19
VR
I
Video Input R
20
VG
I
Video Input G
21
VB
I
Video Input B
22
VSS1
-
Ground for digital circuit
23
VDD2
I
Supply power of analog circuit
Note 5-5
24
CPH1
I
Sampling and shift clock for source driver
25
CPH2
I
Sampling and shift clock for source driver
26
CPH3
I
Sampling and shift clock for source driver
Note 5-9
27
VDD1
I
Supply power for digital circuit
Note 5-6
28
R/L
I
Left / Right control for source driver
Note 5-8
29
OEH
I
Output enable for source driver
30
STHR
I/O
Start pulse for source driver
Note 5-8
P-511-414(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com