Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PW035XS4 Datasheet(PDF) 10 Page - AZ Displays

Part # PW035XS4
Description  TECHNICAL SPECIFICATION
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PW035XS4 Datasheet(HTML) 10 Page - AZ Displays

Back Button PW035XS4 Datasheet HTML 6Page - AZ Displays PW035XS4 Datasheet HTML 7Page - AZ Displays PW035XS4 Datasheet HTML 8Page - AZ Displays PW035XS4 Datasheet HTML 9Page - AZ Displays PW035XS4 Datasheet HTML 10Page - AZ Displays PW035XS4 Datasheet HTML 11Page - AZ Displays PW035XS4 Datasheet HTML 12Page - AZ Displays PW035XS4 Datasheet HTML 13Page - AZ Displays PW035XS4 Datasheet HTML 14Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
PW035XS4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:10
7. Absolute Maximum Ratings :
The followings are maximum values , which if exceeded, may cause faulty operation or
damage to the unit.
GND = 0 V
Ta = 25
Parameter
Symbol
MIN.
MAX.
Unit
Remark
VDD2
-0.3
+5.8
V
Supply Voltage For Source Driver
VDD1
-0.3
+7.0
V
VCC
-0.3
+6.0
V
VGH-VEE
-0.3
+40.0
V
H Level VGH
-0.3
+25.0
V
Supply Voltage For Gate Driver
L Level VEE
-16
+0.3
V
8. Electrical Characteristics
8-1) Operating Condition for TFT-LCD panel
Ta=25
Parameter
Symbol
MIN.
Typ.
MAX.
Unit
Remark
Analog
VDD2
+4.5
+5.0
+5.5
V
+3.0
+3.3
+3.6
Supply Voltage For Source Driver
Logic
VDD1
+4.5
+5.0
+5.5
V
Depend on T/C
Signal voltage
VGH
+15
+17
+19
V
VEE DC
-13
-12
-10.5
V
DC Component
of VEE
VEE AC
-
+6.0
-
VP-P
AC
Component
of VEE
+3.0
+3.3
+3.6
Supply Voltage For Gate Driver
Logic
VCC
+4.5
+5.0
+5.5
V
Depend on T/C
Signal voltage
ViAC
-
+3.6
+4.0
V
Note 8-2
Analog Signal input Level
(VR , VG , VB)
ViDC
-
2.5
-
V
H level
VIH
0.7 VDD1
-
VDD1
V
Digital input voltage
L level
VIL
-0.3
-
0.3 VDD1
V
H level
VOH
0.7 VDD1
-
VDD1
V
Digital output voltage
L level
VOL
-0.3
-
0.3 VDD1
V
VCOM AC
-
+6.0
-
VP-P
AC Component
of VCOM
VCOM
VCOM DC
-
1.5
-
V
DC Component
of VCOM Note 8-1
Note 8-1 : PVI strongly suggests that the VCOM DC level shall be adjustable , and the adjustable level
range is 1.5V 1V , every module’s VCOM DC level shall be carefully adjusted to show a best
image performance.
P-511-414(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com