Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7858 Datasheet(PDF) 53 Page - Analog Devices

Part # ADE7858
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADE7858 Datasheet HTML 49Page - Analog Devices ADE7858 Datasheet HTML 50Page - Analog Devices ADE7858 Datasheet HTML 51Page - Analog Devices ADE7858 Datasheet HTML 52Page - Analog Devices ADE7858 Datasheet HTML 53Page - Analog Devices ADE7858 Datasheet HTML 54Page - Analog Devices ADE7858 Datasheet HTML 55Page - Analog Devices ADE7858 Datasheet HTML 56Page - Analog Devices ADE7858 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 53 of 76
ADE7858 samples data on the low to high transitions of SCLK.
The most significant 7 bits of the address byte can have any
value, but as a good programming practice, they should be
different from b#0111000, the 7 bits used in the I2C protocol.
Bit 0 (READ/ WRITE ) of the address byte must be 1 for a read
operation. Next, the master sends the 16-bit address of the
register that is read. After the ADE7858 receives the last bit of
address of the register on a low-to-high transition of SCLK, it
begins to transmit its content on the MISO line when the next
SCLK high-to-low transition occurs, so the master can sample
the data on low to high SCLK transition. After the master
receives the last bit, it sets SS and SCLK lines high and the
communication ends. The data lines MOSI and MISO go in
high impedance state.
See Figure 63 for details of the SPI read operation.
1
0
0
15 14
1
0
Reg Address
31 30
1
0
Register Value
SCLK
MOSI
SS
MISO
00
0
00
Figure 63. SPI read operation of a 32-bit register
0
0
15 14
1
0
Reg Address
31 30
1
0
Register Value
SCLK
MOSI
SS
0
00
0
00
Figure 64. SPI Write operation of a 32-bit register
SPI Write Operation
The write operation using the SPI interface of the ADE7858
initiates when the master sets SS pin low and begins sending
one byte representing the address of the ADE7858 on the
MOSI line. The master sets data on the MOSI line starting with
the first high to low transition of SCLK. The SPI of the
ADE7858 samples data on the low to high transitions of SCLK.
The most significant 7 bits of the address byte can have any
value, but as a good programming practice, they should be
different from b#0111000, the 7 bits used in the I2C protocol.
Bit 0 (READ/ WRITE ) of the address byte must be 0 for a write
operation. Next, the master sends the 16-bit address of the
register that is written and the 32, 16 or 8-bit value of that
register without losing any SCLK cycle. After the last bit is
transmitted, the master sets SS and SCLK lines high at the end
of SCLK cycle and the communication ends. The data lines
MOSI and MISO go in high impedance state.
See Figure 64 for details of the SPI write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com