Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33972TEW/R2 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MC33972TEW/R2
Description  Multiple Switch Detection Interface with Suppressed Wake-up
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33972TEW/R2 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MC33972TEW/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
33972
TYPICAL APPLICATIONS
INTRODUCTION
from first device is connected to SI of second device). With
two devices, 48 clock pulses are required to shift data in.
When the WAKE feature is used to enable the power supply,
both WAKE pins should be connected to the enable pin on the
power supply. The INT pins may be connected to one
interrupt pin on the MCU or may have their own dedicated
interrupt to the MCU.
The transition from Normal to Sleep mode is done by
sending the sleep command. With the devices connected in
serial and the sleep command sent, both will enter Sleep
mode on the rising edge of CS. When Sleep mode is entered,
the WAKE pin will be logic [1]. If either device wakes up, the
WAKE
pin will transition LOW, waking the other device.
A condition exists where the MCU is sending the sleep
command (CS logic [0]) and a switch input changes state.
With this event the device that detects this input will not
transition to Sleep mode, while the second device will enter
Sleep mode. In this case two switch status commands must
be sent to receive accurate switch status data. The first
switch status command will wake the device in Sleep mode.
Switch status data may not be valid from the first switch
status command because of the time required for the input
voltage to rise above the 4.0 V input comparator threshold.
This time is dependant on the impedance of SGn or SPn
node. The second switch status command will provide
accurate switch status information. It is recommended that
software wait 10 to 20 ms between the two switch status
commands, allowing time for switch input voltages to
stabilize. With all switch states acknowledged by the MCU,
the sleep sequence may be initiated. All parameters for Sleep
mode should be updated prior to sending the sleep
command.
The 33972 IC has an internal 5.0 V supply from the VPWR
pin. A POR circuit monitors the internal 5.0 V supply. In the
event of transients on the VPWR pin, an internal reset may
occur. Upon reset the 33972 will enter Normal mode with the
internal registers as defined in Table 15, page 18. Therefore
it is recommended that the MCU periodically update all
registers internal to the IC.
USING THE WAKE FEATURE
The 33972 provides a WAKE output and wake-up input
designed to control an enable pin on system power supply.
While in the Normal mode, the WAKE output is LOW,
enabling the power supply. In the Sleep mode, the WAKE pin
is high, disabling the power supply. The WAKE pin has a
passive pull-up to the internal 5.0 V supply but may be pulled
up through a resistor to the VPWR supply (see Figure 17,
page 25)
When the WAKE output is not used, the pin should be
pulled up to the VDD supply through a resistor as shown in
Figure 16, page 25.
During the Sleep mode, a switch closure will set the WAKE
pin LOW, causing the 33972 to enter the Normal mode. The
power supply will then be activated, supplying power to the
VDD pin and the microprocessor and the 33972. The
microprocessor can determine the source of the wake-up by
reading the interrupt flag.
COST AND FLEXIBILITY
Systems requiring a significant number of switch
interfaces have many discrete components. Discrete
components on standard PWB consume board space and
must be checked for solder joint integrity. An integrated
approach reduces solder joints, consumes less board space,
and offers wider operating voltage, analog interface
capability, and greater interfacing flexibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com