Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33972TEW/R2 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MC33972TEW/R2
Description  Multiple Switch Detection Interface with Suppressed Wake-up
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33972TEW/R2 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MC33972TEW/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33972
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
TRI-STATE REGISTER
The tri-state command is use to set the SPn or SGn input
node as high-impedance (Table 10). By setting the tri-state
register bit to logic [1], the input will be high-impedance
regardless of the metallic command setting. The comparator
on each input remains active. This command allows the use
of each input as a comparator with a 4.0 V threshold. The
MCU may change or update the tri-state register via software
at any time in Normal mode.
ANALOG SELECT REGISTER
The analog voltage on switch inputs may be read by the
MCU using the analog command (Table 11). Internal to the
IC is a 22-to-1 analog multiplexer. The voltage present on the
selected input pin is buffered and made available on the
AMUX output pin. The AMUX output pin is clamped to a
maximum of VDD volts regardless of the higher voltages
present on the input pin. After an input has been selected as
the analog, the corresponding bit in the next SO data stream
will be logic [0]. When selecting a channel to be read as
analog, the user must also set the desired current (16 mA,
2.0 mA, or high-impedance). Setting bit 6 and bit 5 to 0,0
selects the input as high-impedance. Setting bit 6 and bit 5 to
0,1 selects 2.0 mA, and 1,0 selects 16 mA. Setting bit 6 and
bit 5 to 1,1 in the analog select register is not allowed and will
place the input as an analog input with high-impedance.
Analog currents set by the analog command are pull-up
currents for all SGn and SPn inputs (Table 11). The analog
command does not allow pull-down currents on the SPn
inputs. Setting the current to 16 or 2.0 mA may be useful for
reading sensor inputs. Further information is provided in the
Typical Applications section of this datasheet beginning on
page 21. The MCU may change or update the analog select
register via software at any time in Normal mode.
Table 10. Tri-State Command
Tri-State Commands
Command Bits
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
1
0
0
1
X
X
X
X
X
X
X
X
sp7 sp6 sp5 sp4 sp3 sp2 sp1 sp0
0
0
0
0
1
0
1
0
X
X
sg13 sg12 sg11 sg10 sg9 sg8 sg7 sg6 sg5 sg4 sg3 sg2 sg1 sg0
Table 11. Analog Command
Analog Command
Not used
Current Select Analog Channel Select
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
1
1
0
X
X
X
X
X
X
X
X
X
16 mA 2.0 mA
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com