Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33972TEW/R2 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MC33972TEW/R2
Description  Multiple Switch Detection Interface with Suppressed Wake-up
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33972TEW/R2 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MC33972TEW/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC33972TEW/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
33972
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
RESET
The reset command resets all registers to Power-ON
Reset (POR) state. Refer to Table 15, page 18, for POR
states or the paragraph entitled Power-ON Reset (POR) on
page 14 of this datasheet.
SPI COMMAND SUMMARY
Table 15 below provides a comprehensive list of SPI
commands recognized by the 33972 and the reset state of
each register. Table 16 and Table 17 contain the serial
output (SO) data for input voltages greater or less than the
threshold level. Open switches are always indicated with a
logic [0], closed switches are indicated with logic [1].
Table 14. Reset Command
Reset Command
Command Bits
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
1
1
1
1
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Table 15. SPI Command Summary
MSB
Command Bits
Setting Bits
LSBI
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Switch Status
Command
0
0
0
0
0
0
0
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Settings Command
Bat=1, Gnd=0
(Default state = 1)
0
0
0
0
0
0
0
1
X
X
X
X
X
X
X
X
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
Wake-Up/Interrupt Bit
Wake-Up=1
Non-Wake-Up=0
(Default state = 1)
0
0
0
0
0
0
1
0
X
X
X
X
X
X
X
X
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
0
0
0
0
0
0
1
1
X
X
SG13 SG12 SG11 SG10 SG9 SG8 SG7 SG6
SG5
SG4 SG3 SG2 SG1 SG0
Metallic Command
Metallic = 1
Non-metallic = 0
(Default state = 1)
0
0
0
0
0
1
0
0
X
X
X
X
X
X
X
X
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
0
0
0
0
0
1
0
1
X
X
SG13 SG12 SG11 SG10 SG9 SG8 SG7 SG6
SG5
SG4 SG3 SG2 SG1 SG0
Analog Command
0
0
0
0
0
1
1
0
X
X
X
X
X
X
X
X
X
16mA
0
2.0mA
0
0
0
0
0
0
Wetting Current Timer
Enable Command
Timer ON = 1
Timer OFF = 0
(Default state = 1)
0
0
0
0
0
1
1
1
X
X
X
X
X
X
X
X
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
0
0
0
0
1
0
0
0
X
X
SG13 SG12 SG11 SG10 SG9 SG8 SG7 SG6
SG5
SG4 SG3 SG2 SG1 SG0
Tri-State Command
Input Tri-State=1
Input Active = 0
(Default state = 1)
0
0
0
0
1
0
0
1
X
X
X
X
X
X
X
X
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
0
0
0
0
1
0
1
0
X
X
SG13 SG12 SG11 SG10 SG9 SG8 SG7 SG6
SG5
SG4 SG3 SG2 SG1 SG0
Calibration Command
(Default state –
uncalibrated)
0
0
0
0
1
0
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Sleep Command
(Refer to Sleep Mode
on page 19.)
0
0
0
0
1
1
0
0
X
X
X
X
X
X
X
X
X
X
int
timer
int
timer
int
timer
scan
timer
scan
timer
scan
timer
Reset Command
0
1
1
1
1
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
SO Response Will
Always Send
them
flg
int
flg
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0 SG13 SG12 SG11 SG10 SG9 SG8 SG7 SG6
SG5
SG4 SG3 SG2 SG1 SG0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com