Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34844 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
34844
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
reach instability problems. This will allow detecting another
failure from the connected channels. (See Figure 5)
Figure 5. Single Channel Disconnect Circuit.
For applications where multiple failure detection is
required, then one 100 kohm resistor must be placed from
each channel to a diode (D2) connected to VDC2. The
resistor will provide a pull up voltage to the disconnected
channels so that they do not interfere with the DHC circuit.
The diode (D2) ensures that when the connected channels
are in PWM off state the LED strings do no conduct current
to VDC2. (See Figure 6)
Figure 6. Resistor/Diode placement for multiple open
circuit detection
If the fail pin cannot be cleared by software then it indicates
that the failure is because of t an over-current in the Boost.
Since this is a critical failure the only way to clear it is by
releasing the part from the over-current condition and then
shutdown the part (Refer to Table 4)
If I2C communication is not present, FAIL condition should
be reset by removing the failure and re-enabling the device
thru the EN pin.
OPTICAL AND TEMPERATURE CONTROL LOOP
The 34844 supports both optical and temperature loop
control.
For temperature loop control, the LED brightness can be
adjusted depending on the temperature of the LEDs.
For optical loop control, the 34844 supports both optical
closed loop backlight control, where the brightness of the
backlight is maintained at a required level by adjusting the
light output, until the desired level is achieved, or with
ambient light control, where the backlight brightness
increases as ambient light increases.
Both temperature and optical loops are supported through
the PIN and NIN pins. Each pin supports a 0-2.048 V input
range which affects the current through the LEDs. The PIN
pin increases current as the voltage rises from 0-2.048 V.
The NIN pin reduces current as the voltage rises from 0-
2.048 V.
A 10.2 k resistor or higher value must be used at the ISET
pin if the part is configured to use PIN+NIN control loop
functionality, the 50 mA maximum current is achieved at the
higher allowed level of PIN/NIN pins, ensuring the maximum
current of the LED Drivers are not exceeded.
The optical and temperature control loop can be disabled
by I2C setting bits (PINEN & NINEN), or by tying PIN and NIN
pins high (>2.2 V) it is called VSET mode, and the LED Driver
maximum current is set to 50 mA by using a 5.1 k resistor at
the ISET pin.
Current on LED Channel (PIN mode)
Eqn. 3
Current on LED Channel (NIN mode)
Eqn. 4
Current on LED Channel (PIN+NIN mode)
Eqn. 5
LED FAILURE PROTECTION
Open LED Protection
If LED fails open in any of the LED strings, the voltage in
that channel will be pulled close to zero, which will cause the
channel to be disabled. As a result, the boost output voltage
Current A
[]
VPIN
ICH RegisterValue
[]
×
()
RSET ohms
[]
----------------------------------------------------------------------------------------
=
Current A
[]
2.048 VNIN
–
()
ICH RegisterValue
[]
×
RSET ohms
[]
-------------------------------------------------------------------------------------------------------------
=
Current A
[]
2.048 VNIN
–
VPIN
+
()
ICH RegisterValue
[]
×
RSET ohms
[]
-----------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com