Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33984B Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 33984B
Description  Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984B Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 33984B Datasheet HTML 21Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 22Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 23Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 24Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 25Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 26Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 27Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 28Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
33984
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
DEVICE REGISTER ADDRESSING
The following section describes the possible register
addresses and their impact on device operation.
Address x000—Status Register (STATR)
The STATR register is used to read the device status and
the various configuration register contents without disrupting
the device operation or the register contents. The register bits
D2:D0, determine the content of the first eight bits of SO data.
When register content is specific to one of the two outputs, bit
D7 is used to select the desired output (SOA3). In addition to
the device status, this feature provides the ability to read the
content of the OCR, SOCHLR, CDTOLR, DICR, OSDR,
WDR, NAR, and UOVR registers. (Refer to the section
entitled Serial Output Communication (Device Status Return
Data).)
Address x001—Output Control Register (OCR)
The OCR register allows the MCU to control the outputs
through the SPI. Incoming message bit D0 reflects the
desired states of the high side output HS0 (IN0_SPI): a
Logic [1] enables the output switch and a Logic [0] turns it
OFF. A Logic [1] on message bit D1 enables the Current
Sense (CSNS) pin. Similarly, incoming message bit D2
reflects the desired states of the high side output HS1
(IN1_SPI): Logic [1] enables the output switch and a Logic [0]
turns it OFF. A Logic [1] on message bit D3 enables the
CSNS pin. In the event that the current sense is enabled for
both outputs, the current will be summed. Bit D7 is used to
feed the watchdog if enabled.
Address x010— Select Over-current High and Low
Register (SOCHLR)
The SOCHLR register allows the MCU to configure the
output over-current low and high detection levels,
respectively. Each output is independently selected for
configuration based on the state of the D7 bit; a write to this
register when D7 is Logic [0] will configure the current
detection levels for the HS0. Similarly, if D7 is Logic [1] when
this register is written, HS1 is configured. Each output can be
configured to different levels. In addition to protecting the
device, this slow blow fuse emulation feature can be used to
optimize the load requirements matching system
characteristics. Bits D2:D0 set the over-current low detection
level to one of eight possible levels, as shown in Table 11.
Bit D3 sets the over-current high detection level to one of two
levels, which is described inTable 12.
Address x011—Current Detection Time and Open Load
Register (CDTOLR)
The CDTOLR register is used by the MCU to determine
the amount of time the device will allow an over-current low
condition before output latches OFF occurs. Each output is
independently selected for configuration based on the state
of the D7 bit. A write to this register when bit 7 is Logic [0] will
configure the timeout for the HS0. Similarly, if D7 is Logic [1]
when this register is written, then HS1 is configured. Bits
D1:D0 allow the MCU to select one of four fault blanking
times defined in Table 13. Note that these time-outs apply
only to the over-current low detection levels. If the selected
over-current high level is reached, the device will latch off
within 20 μs.
A Logic [1] on bit D2 disables the over-current low
(CD_dis) detection timeout feature. A Logic [1] on bit D3
disables the open load (OL) detection feature.
Table 11. Over-current Low Detection Levels
SOCL2
(D2)
SOCL1
(D1)
SOCL0
(D0)
Over-current Low Detection
(Amperes)
0
0
0
25
0
0
1
22.5
0
1
0
20
0
1
1
17.5
1
0
0
15
1
0
1
12.5
1
1
0
10
1
1
1
7.5
Table 12. Over-current High Detection Levels
SOCH (D3)
Over-current High Detection
(Amperes)
0
100
1
75
Table 13. Over-current Low Detection Blanking Time
OCLT[1:0]
Timing
00
155 ms
01
10 ms
10
1.2 ms
11
150
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com