Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5123 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPC5123
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5123 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPC5123 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 86 page
background image
Pin Assignments
MPC5121E/MPC5123 Data Sheet, Rev. 4
Freescale Semiconductor
17
1) This pin is an input or open-drain output. This pin can not be configured. There is an internal pull-up resistor implemented.
2) This pin is an input only. This pin can not be configured.
3) These JTAG pins have internal pull-up P-FETs. This pin can not be configured.
4) This pins should have an external pull-up resistor. Follow PCI specification and see System Design Information.
5) This test pin must be tied to VSS.
6) This pin contains an enabled internal Schmitt trigger.
NOTE
This table indicates only the pins with permananently enabled internal pull-up, pull-down,
or Schmitt trigger. Most of the digital I/O pins can be configured to enable internal pull-up,
pull-down, or Schmitt trigger. See the MPC5121e Microcontroller Reference Manual, IO
Control chapter.
USB_VDDA_BIAS
D22
Analog Power
—
—
USB_VSSA
C22, E20, E21
Analog Ground
—
—
USB_VDDA
C21, D20
Analog Power
—
—
Power and Ground Supplies (SATA PHY)
SATA_RESREF
E4
Analog Power
—
—
SATA_VDDA_3P3
D4
Analog Power
—
—
SATA_VDDA_1P2
C5, D1, E2
Analog Power
—
—
SATA_VDDA_VREG
D5
Analog Power
—
—
SATA_PLL_VDDA1P2
E3
Analog Power
—
—
SATA_PLL_VSSA
D3
Analog Ground
—
—
SATA_RX_VSSA
A6, B4
Analog Ground
—
—
SATA_TX_VSSA
G1
Analog Ground
—
—
Table 3. MPC5121e/MPC5123 TE-PBGA Pinout Listing (Sheet 12 of 12)
Signal
Package Pin Number
Pad Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com