Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R01A Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT46R01A
Description  Small Package A/D Type 8-Bit OTP MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01A Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT46R01A Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IOL
I/O Port Sink Current
3V
VOL=0.1VDD
48
¾
mA
5V
10
20
¾
mA
IOH
I/O Port Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-5
-10
¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
5V
10
30
50
k
W
VAD
A/D Input Voltage
¾¾
0
¾
VDD
V
EAD
ADC Conversion Error
¾¾
¾
±0.5
±1
LSB
IADC
ADC Power Consumption
3V
No load, tAD=1
ms
¾
0.5
1
mA
5V
¾
1.5
3
mA
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
System Clock
(Crystal OSC, RC OSC)
¾
2.2V~5.5V
400
¾
4000
kHz
¾
3.3V~5.5V
400
¾
8000
kHz
¾
4.5V~5.5V
400
¾
12000
kHz
fSYS2
System Clock
(Internal RC OSC)
(
±5%)
4.5V~
5.5V
12MHz, Ta=25
°C
11400 12000 12600
kHz
3.3V~
5.5V
8MHz, Ta=25
°C
7600
8000
8400
kHz
2.7V~
5.5V
4MHz, Ta=25
°C
3800
4000
4200
kHz
fSYS3
System Clock (32768 Crystal)
¾¾¾
32768
¾
Hz
fTIMER
Timer I/P Frequency (TMR)
¾
2.2V~5.5V
0
¾
4000
kHz
¾
3.3V~5.5V
0
¾
8000
kHz
¾
4.5V~5.5V
0
¾
12000
kHz
tWDTOSC Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Wake-up from Power Down
¾
1024
¾
tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
tLVR
Low Voltage Width to Reset
¾¾
0.25
1
2
ms
VPOR
VDD Start Voltage to Ensure
Power-on Reset
¾¾¾
¾
100
mV
RPOR
VDD Rise Time to Ensure
Power-on Reset
¾¾
0.035
¾¾
V/ms
tAD
ADC Clock Period
¾¾
1
¾¾
ms
tADC
ADC Conversion Time
¾¾¾
64
¾
tAD
tADS
ADC Sampling Time
¾¾¾
32
¾
tAD
Note: tSYS=1/fSYS1, 1/fSYS2 or 1/fSYS3
HT46R01A
Rev. 1.10
5
August 13, 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com