Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R01A Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT46R01A
Description  Small Package A/D Type 8-Bit OTP MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01A Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT46R01A Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
Application Circuits
HT46R01A
Rev. 1.10
41
August 13, 2008
H T 4 6 R 0 1 A
R E S / P A 7
P A 0 / A N 0
P A 1 / P F D / A N 1
P A 2 / T M R 0 / A N 2
P A 3 / I N T / A N 3
P A 4 / P W M
O S C 1
O S C 2
O S C
C i r c u i t
0 . 1 m F
1 0 0 k W
V D D
V S S
0 . 1 m F
V D D
R e s e t
C i r c u i t
S e e O s c i l l a t o r
S e c t i o n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com