Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R01A Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT46R01A
Description  Small Package A/D Type 8-Bit OTP MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01A Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT46R01A Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
HT46R01A
Rev. 1.10
40
August 13, 2008
Under normal program operation, a Watchdog Timer
time-out will initialise a device reset and set the status bit
TO. However, if the system is in the Power Down Mode,
when a Watchdog Timer time-out occurs, the device will
be woken up, the TO bit in the status register will be set
and only the Program Counter and Stack Pointer will be
reset. Three methods can be adopted to clear the con-
tents of the Watchdog Timer. The first is an external
hardware reset, which means a low level on the external
reset pin, the second is using the Clear Watchdog Timer
software instructions and the third is when a HALT in-
struction is executed. There are two methods of using
software instructions to clear the Watchdog Timer, one
of which must be chosen by configuration option. The
first option is to use the single
²CLR WDT² instruction
while the second is to use the two commands
²CLR
WDT1
² and ²CLR WDT2². For the first option, a simple
execution of
²CLR WDT² will clear the Watchdog Timer
while for the second option, both
²CLR WDT1² and
²CLR WDT2² must both be executed to successfully
clear the Watchdog Timer. Note that for this second op-
tion, if
²CLR WDT1² is used to clear the Watchdog
Timer, successive executions of this instruction will
have no effect, only the execution of a
²CLR WDT2² in-
struction will clear the Watchdog Timer. Similarly after
the
²CLR WDT2² instruction has been executed, only a
successive
²CLR WDT1² instruction can clear the
Watchdog Timer.
C T R L 1 R e g i s t e r
b 7
b 0
I N T E S 1
W D T E N 3
I N T E S 0
W D T E N 2 W D T E N 1 W D T E N 0
W a t c h d o g T i m e r F u n c t i o n
D i s a b l e
E n a b l e - r e c o m m e n d e d v a l u e
O t h e r v a l u e s - a l l e n a b l e
1
0
X
0
1
0
1
0
1
X
X
X
W S 2
W D T S R e g i s t e r
b 7
b 0
W D T p r e s c a l e r r a t e s e l e c t
W S 2
0
0
0
0
1
1
1
1
W S 1
0
0
1
1
0
0
1
1
W S 0
0
1
0
1
0
1
0
1
W D T R a t e
1 : 1
1 : 2
1 : 4
1 : 8
1 : 1 6
1 : 3 2
1 : 6 4
1 : 1 2 8
N o t u s e d
W S 1 W S 0
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the OTP Program Memory de-
vice during the programming process. During the development process, these options are selected using the HT-IDE
software development tools. As these options are programmed into the device using the hardware programming tools,
once they are selected they cannot be changed later by the application software. All options must be defined for proper
system function, the details of which are shown in the table.
No.
Options
1
Watchdog Timer: enable or disable
2
Watchdog Timer clock source: WDT internal oscillator, fSYS/4 or RTC
3
CLRWDT instructions: 1 or 2 instructions
4
System oscillator: Internal RC, Internal RC with external RTC, External Crystal, External RC
5
LVR function: enable or disable
6
LVR voltage: 2.1V, 3.15V or 4.2V
7
RES or PA7
8
SST: enable (1024 clocks) or disable (2 clocks)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com