Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95R24 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT95R24
Description  Phone 8-bit MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R24 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT95R24 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
General
fSYS1
System Clock 1
¾
Normal mode
32768Hz crystal oscillator
¾
3.5795
¾
MHz
fSYS2
System Clock 2
¾
Green mode
32768Hz crystal oscillator
¾
32
¾
kHz
tSST
System Start-up Timer Period
¾
Power-up, Reset or wake-up
from HALT
¾
1024
¾
tSYS
tWAKE
Wake-up Time for 32768Hz
Crystal OSC
3V
32kHz oscillator OFF
® ON
¾¾
200
ms
tFUP
Settling Time for 32768Hz to
3.58MHz PLL (Frequency Up
Conversion)
3V
32kHz oscillator is ON;
3.58MHz oscillator OFF
®
ON
¾¾
20
ms
tS2G
Time from Sleep Mode to
Green Mode
¾ Wake-up from Sleep Mode
¾
0
¾
ms
MCU
tWDTOSC
Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
tRES
External Reset Low Pulse
Width
¾¾
1
¾¾
ms
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
DTMF Generator (Operating Temperature:
-20°C~85°C)
fDTMFO
Single Tone Output
Frequency
2.5V
Microcontroller normal mode;
DTMF generator single tone
test mode
690
¾
704
Hz
762
¾
778
843
¾
861
932
¾
950
1197
¾
1221
1323
¾
1349
1462
¾
1492
1617
¾
1649
VTAC
DTMF Output AC Level
¾ Row group, RL=5kW
120
155
180
mVrms
RL
DTMF Output Load
¾ T.H.D. £-23dB
5
¾¾
k
W
ACR
Column Pre-emphasis
¾ Row group= 0dB
1
2
3
dB
THD
Tone Signal Distortion
¾ RL=5kW¾
-30
-23
dB
HT95R24
Rev. 1.00
5
February 17, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com