Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95R24 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT95R24
Description  Phone 8-bit MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R24 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT95R24 Datasheet HTML 25Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 26Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 27Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 28Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 29Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 30Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 31Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 32Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
HT95R24
Rev. 1.00
29
February 17, 2009
Idle Mode
When the device enters this mode, the normal operating
current, will be reduced to an extremely low standby cur-
rent level. This occurs because when the device enters
the Power Down Mode, both the 3.58MHz and 32768Hz
system oscillators are stopped which reduces the power
consumption to extremely low levels, however, as the
device maintains its present internal condition, it can be
woken up at a later stage and continue running, without
requiring a full reset. This feature is extremely important
in application areas where the microcontroller must
have its power supply constantly maintained to keep the
device in a known condition but where the power supply
capacity is limited such as in battery applications.
Sleep Mode
In the Sleep Mode is similar to the mode, except here
the 32768Hz oscillator continues running after after the
HALT instruction has been executed. This feature en-
ables the device to continue with instruction execution
immediately after wake-up.
Green Mode
In the Green Mode, the 32768Hz oscillator is used as
the system clock for instruction execution. The following
conditions will force the microcontroller enter the Green
Mode:
· Any reset condition from any operational mode
· Any interrupt occurring during the Sleep Mode or Idle
mode
· A Port A Wake-up from the Sleep Mode or Idle Mode
Normal Mode
In the Normal mode the device uses the 3.58MHz gen-
erated by the frequency-up conversion circuit as the
system clock for instruction execution.
Changing the Operational Mode
Holtek
¢s telephone controllers support two system
clocks and four operational modes. The system clock
can be either 32768Hz or 3.58MHz and the operational
mode can be either Normal, Green, Sleep or Idle mode.
The operation mode is selected using software in the
following way:
· Normal mode to Green mode:
Clear bit MODE1 to 0, which will change the opera-
tional mode to the Green mode.
The UPEN bit status is not changed. However, the
UPEN bit can be cleared by software.
· Normal mode or Green mode to Sleep mode:
Step 1: Clear bit MODE0 to 0
Step 2: Clear bit MODE1 to 0
Step 3: Clear bit UPEN to 0
Step 4: Execute the HALT instruction
After Step 4, the operational mode will be changed to
the Sleep mode.
· Normal mode or Green mode to Idle mode:
Step 1: Set bit MODE0 to 1
Step 2: Clear bit MODE1 to 0
Step 3: Clear bit UPEN to 0
Step 4: Execute the HALT instruction
After Step 4, the operational mode will be changed to
the Idle mode.
· Green mode to Normal mode:
Step 1: Set bit UPEN to 1
Step 2: Execute a 20ms software delay
Step 3: Set bit MODE1 to 1
After Step 3, the operational mode will be changed to
the Normal mode.
· Sleep mode or Idle mode to Green mode:
Method 1: The occurrence of any reset condition
Method 2: Any active interrupt
Method 3: A Port A wake-up
Note that a Timer/Event Counter 0/1 and RTC interrupt
will not be generated when in the Idle mode as the
32768Hz crystal oscillator is stopped.
Standby Current Considerations
As the main reason for entering the Power Down Mode
is to keep the current consumption of the MCU to as low
a value as possible, perhaps only in the order of several
micro-amps, there are other considerations which must
also be taken into account by the circuit designer if the
power consumption is to be minimised. Special atten-
tion must be made to the I/O pins on the device. All
high-impedance input pins must be connected to either
a fixed high or low level as any floating input pins could
create internal oscillations and result in increased cur-
rent consumption. Care must also be taken with the
loads, which are connected to I/Os, which are setup as
outputs. These should be placed in a condition in which
minimum current is drawn or connected only to external
circuits that do not draw current, such as other CMOS
inputs. Also note that additional standby current will also
be required if the configuration options have enabled the
Watchdog Timer internal oscillator.
Wake-up
A reset, interrupt or port A wake-up can all wake up the
device from the Sleep Mode or the Idle Mode. A reset
can include a power-on reset, an external reset or a
WDT time-out reset. By examining the device status
flags, PDF and TO, the program can distinguish be-
tween the different reset conditions. Refer to the Reset
section for a more detailed description.
A port A wake-up and an interrupt can be considered as
a continuation of normal execution. Each bit in port A
can be independently selected to wake-up the device
using configuration options. When awakened by a Port
A stimulus, the program will resume execution at the
next instruction following the HALT instruction.
Any valid interrupt during the Sleep Mode or Idle Mode
may have one of two consequences. One is if the re-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com