Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95R24 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT95R24
Description  Phone 8-bit MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R24 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT95R24 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
HT95R24
Phone 8-bit MCU
Rev. 1.00
1
February 17, 2009
General Description
The HT95R24 MCU is an 8-bit high performance, RISC
architecture microcontroller device specially designed
for telephone applications. Device flexibility is en-
hanced with their internal special features such as
power-down and wake-up functions, DTMF generator,
PFD driver, etc. These features combine to ensure ap-
plications require a minimum of external components
and therefore reduce overall product costs.
Having the advantages of low-power consumption,
high-performance, I/O flexibility as well as low-cost,
these devices have the versatility to suit a wide range of
application possibilities such as deluxe feature phone,
cordless phones, fax and answering machines, etc.
The device is best suited for phone products that com-
ply with versatile dialer specification requirements for
different areas or countries. The device is fully sup-
ported by the Holtek range of fully functional develop-
ment and programming tools, providing a means for fast
and efficient product development cycles.
Features
· Operating voltage at fSYS= 3.58MHz: 2.2V~5.5V
· 8K´16 OTP type Program Memory
· 2112´8 Data Memory
· 34 bidirectional I/Os with pull-high options
· 2 NMOS output-only lines
· External interrupt input
· Dual 16-bit timers with interrupts
· Timer external input
· 8-level stack
· 32768Hz system oscillator
· 32768Hz to 3.58MHz frequency-up PLL circuit
· Real time clock function
· Watchdog timer function
· PFD driver output
· DTMF generator
· Power-down and wake-up feature for power-saving
operation: Idle mode, Sleep mode, Green mode and
normal mode
· Up to 1.117ms instruction cycle with 3.58MHz system
clock at VDD=2.2V~5.5V
· Bit manipulation instructions
· Table read function
· 63 powerful instructions
· All instructions executed in 1 or 2 machine cycles
· Supported by comprehensive suite of hardware and
software tools
· 48-pin SSOP package
Technical Document
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HT95R24

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95R22 HOLTEK-HT95R22 Datasheet
374Kb / 52P
I/O Type Phone 8-bit MCU
HT95R23 HOLTEK-HT95R23 Datasheet
442Kb / 53P
I/O Type Phone 8-bit MCU
March 25, 2008
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
Phone 8-bit MCU
March 6, 2009
More results

Similar Description - HT95R24

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95AXXX HOLTEK-HT95AXXX Datasheet
360Kb / 48P
I/O Type Phone 8-Bit MCU
May 26, 2004
HT95C200 HOLTEK-HT95C200 Datasheet
324Kb / 50P
8-Bit CID Type Phone Controller MCU
October 1, 2002
HT95L100 HOLTEK-HT95L100 Datasheet
768Kb / 42P
8-Bit LCD Type Phone Controller MCU
October 1, 2002
HT95LXXX HOLTEK-HT95LXXX Datasheet
364Kb / 52P
LCD Type Phone 8-Bit MCU
May 26, 2004
HT95CXXX HOLTEK-HT95CXXX Datasheet
416Kb / 51P
CID Type Phone 8-Bit MCU
May 26, 2005
HT95R23 HOLTEK-HT95R23 Datasheet
442Kb / 53P
I/O Type Phone 8-bit MCU
March 25, 2008
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
Phone 8-bit MCU
March 6, 2009
HT95R35 HOLTEK-HT95R35 Datasheet
555Kb / 73P
Phone 8-Bit MCU with DTMF Receiver
October 7, 2009
HT95R54 HOLTEK-HT95R54 Datasheet
541Kb / 80P
CID Phone 8-Bit MCU
March 3, 2010
HT95R22 HOLTEK-HT95R22 Datasheet
374Kb / 52P
I/O Type Phone 8-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com