Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8535EBVTAKG Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC8535EBVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535EBVTAKG Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC8535EBVTAKG Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 126 page
background image
USB
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
63
2.11.1
USB DC Electrical Characteristics
Table 46 provides the DC electrical characteristics for the USB interface.
2.11.2 USB AC Electrical Specifications
Table 47 describes the general timing parameters of the USB interface of the MPC8535E.
Figure 36 and Figure 37 provide the AC test load and signals for the USB, respectively.
Figure 36. USB AC Test Load
Table 46. USB DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2OVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current
IIN
—±5
μA
High-level output voltage,
IOH = –100 μA
VOH
OVDD – 0.2
—
V
Low-level output voltage,
IOL = 100 μA
VOL
—0.2
V
Note:
1. The symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
Table 47. USB General Timing Parameters
Parameter
Symbol 1
Min
Max
Unit
Notes
usb clock cycle time
tUSCK
15
—
ns
2-5
Input setup to usb clock - all inputs
tUSIVKH
4
—
ns
2-5
input hold to usb clock - all inputs
tUSIXKH
1
—
ns
2-5
usb clock to output valid - all outputs
tUSKHOV
—
7
ns
2-5
Output hold from usb clock - all outputs
tUSKHOX
2
—
ns
2-5
Notes:
1. The symbols for timing specifications follow the pattern of t(First two letters of functional block)(signal)(state) (reference)(state) for inputs
and t(First two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tUSIXKH symbolizes usb timing (US) for
the input (I) to go invalid (X) with respect to the time the usb clock reference (K) goes high (H). Also, tUSKHOX symbolizes USB
timing (US) for the USB clock reference (K) to go high (H), with respect to the output (O) going invalid (X) or output hold time.
2. All timings are in reference to USB clock.
3. All signals are measured from OVDD/2 of the rising edge of the USB clock to 0.4 × OVDD of the signal in question for 3.3 V
signaling levels.
4. Input timings are measured at the pin.
5. For active/float timing measurements, the Hi-Z or off state is defined to be when the total current delivered through the
component pin is less than or equal to that of the leakage current specification.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com