Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8535EBVTAKG Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPC8535EBVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535EBVTAKG Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPC8535EBVTAKG Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 126 page
background image
JTAG
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
77
2.15.2
JTAG AC Electrical Specifications
This section describes the AC electrical specifications for the IEEE 1149.1 (JTAG) interface of the MPC8535E.
Table 58 provides the JTAG AC timing specifications as defined in Figure 45 through Figure 48.
Input current
(VIN
1 = 0 V or V
IN = VDD)
IIN
—±5
μA
High-level output voltage
(OVDD = min, IOH = -2 mA)
VOH
2.4
—
V
Low-level output voltage
(OVDD = min, IOL = 2 mA)
VOL
—0.4
V
Notes:
1. Note that the symbol VIN, in this case, represents the OVIN.
Table 58. JTAG AC Timing Specifications (Independent of SYSCLK)
At recommended operating conditions (see Table 3).
Parameter
Symbol 1
Min
Max
Unit
Notes
JTAG external clock frequency of operation
fJTG
0
33.3
MHz
—
JTAG external clock cycle time
t JTG
30
—
ns
—
JTAG external clock pulse width measured at 1.4 V
tJTKHKL
15
—
ns
—
JTAG external clock rise and fall times
tJTGR & tJTGF
02
ns
—
TRST assert time
tTRST
25
—
ns
2
Input setup times:
tJTDVKH
4—
ns
Input hold times:
tJTDXKH
10
—
ns
Output Valid times:
tJTKLDV
—10
ns
3
Output hold times:
tJTKLDX
0—
ns
3
Notes:
1. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state) (reference)(state)
for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tJTDVKH symbolizes JTAG
device timing (JT) with respect to the time data input signals (D) reaching the valid state (V) relative to the tJTG clock reference
(K) going to the high (H) state or setup time. Also, tJTDXKH symbolizes JTAG timing (JT) with respect to the time data input
signals (D) went invalid (X) relative to the tJTG clock reference (K) going to the high (H) state. Note that, in general, the clock
reference symbol representation is based on three letters representing the clock of a particular functional. For rise and fall
times, the latter convention is used with the appropriate letter: R (rise) or F (fall).
2. TRST is an asynchronous level sensitive signal. The setup time is for test purposes only.
3.) The output timings are measured at the pins. All output timings assume a purely resistive 50-
Ω load. Time-of-flight delays
must be added for trace lengths, vias, and connectors in the system.
Table 57. JTAG DC Electrical Characteristics (continued)
Parameter
Symbol 1
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com