Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8548E Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
26
Freescale Semiconductor
Enhanced Three-Speed Ethernet (eTSEC)
8
Enhanced Three-Speed Ethernet (eTSEC)
This section provides the AC and DC electrical characteristics for the enhanced three-speed Ethernet
controller. The electrical characteristics for MDIO and MDC are specified in Section 9, “Ethernet
Management Interface Electrical Characteristics.”
8.1
Enhanced Three-Speed Ethernet Controller (eTSEC)
(10/100/1Gb Mbps)—GMII/MII/TBI/RGMII/RTBI/RMII Electrical
Characteristics
The electrical characteristics specified here apply to all gigabit media independent interface (GMII), media
independent interface (MII), ten-bit interface (TBI), reduced gigabit media independent interface
(RGMII), reduced ten-bit interface (RTBI), and reduced media independent interface (RMII) signals
except management data input/output (MDIO) and management data clock (MDC). The RGMII and RTBI
interfaces are defined for 2.5 V, while the GMII, MII, and TBI interfaces can be operated at 3.3 or 2.5 V.
The GMII, MII, or TBI interface timing is compliant with the IEEE 802.3. The RGMII and RTBI interfaces
follow the Reduced Gigabit Media-Independent Interface (RGMII) Specification Version 1.3
(12/10/2000). The RMII interface follows the RMII Consortium RMII Specification Version 1.2
(3/20/1998). The electrical characteristics for MDIO and MDC are specified in Section 9, “Ethernet
Management Interface Electrical Characteristics.”
8.1.1
eTSEC DC Electrical Characteristics
All GMII, MII, TBI, RGMII, RMII, and RTBI drivers and receivers comply with the DC parametric
attributes specified in Table 22 and Table 23. The RGMII and RTBI signals are based on a 2.5-V CMOS
interface voltage as defined by JEDEC EIA/JESD8-5.
Table 22. GMII, MII, RMII, and TBI DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Notes
Supply voltage 3.3 V
LVDD
TVDD
3.13
3.47
V
1, 2
Output high voltage (LVDD/TVDD = min, IOH = –4.0 mA)
VOH
2.40
LVDD/TVDD + 0.3
V
—
Output low voltage (LVDD/TVDD = min, IOL = 4.0 mA)
VOL
GND
0.50
V
—
Input high voltage
VIH
2.0
LVDD/TVDD + 0.3
V
—
Input low voltage
VIL
–0.3
0.90
V
—
Input high current (VIN = LVDD, VIN = TVDD)IIH
—40
μA
1, 2, 3
Input low current (VIN = GND)
IIL
–600
—
μA—
Notes:
1. LVDD supports eTSECs 1 and 2.
2. TVDD supports eTSECs 3 and 4.
3. The symbol VIN, in this case, represents the LVIN and TVIN symbols referenced in Table 1 and Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com