Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8548E Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
81
Serial RapidIO
For each baud rate at which an LP-serial transmitter is specified to operate, the output eye pattern of the
transmitter shall fall entirely within the unshaded portion of the transmitter output compliance mask shown
in Figure 52 with the parameters specified in Table 61 when measured at the output pins of the device and
the device is driving a 100-
Ω ± 5% differential resistive load. The output eye pattern of an LP-serial
Table 59. Long Run Transmitter AC Timing Specifications—2.5 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Output voltage
VO
–0.40
2.30
V
Voltage relative to COMMON of either signal
comprising a differential pair
Differential output voltage
VDIFFPP
800
1600
mVp-p
—
Deterministic jitter
JD
—0.17
UI p-p
—
Total jitter
JT
—0.35
UI p-p
—
Multiple output skew
SMO
—
1000
ps
Skew at the transmitter output between lanes of a
multilane link
Unit interval
UI
400
400
ps
±100 ppm
Table 60. Long Run Transmitter AC Timing Specifications—3.125 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Output voltage
VO
–0.40
2.30
V
Voltage relative to COMMON of either signal
comprising a differential pair
Differential output voltage
VDIFFPP
800
1600
mVp-p
—
Deterministic jitter
JD
—0.17
UI p-p
—
Total jitter
JT
—0.35
UI p-p
—
Multiple output skew
SMO
—
1000
ps
Skew at the transmitter output between lanes of a
multilane link
Unit interval
UI
320
320
ps
±100 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com