Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8548CVTAQG Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MPC8548CVTAQG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548CVTAQG Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC8548CVTAQG Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
73
PCI Express
Figure 48. Minimum Transmitter Timing and Voltage Output Compliance Specifications
16.4.3
Differential Receiver (RX) Input Specifications
Table 53 defines the specifications for the differential input at all receivers (RXs). The parameters are
specified at the component pins.
Table 53. Differential Receiver (RX) Input Specifications
Symbol
Parameter
Min
Nom
Max
Unit
Comments
UI
Unit interval
399.88
400
400.12
ps
Each UI is 400 ps ± 300 ppm. UI does not account
for spread spectrum clock dictated variations.
See Note 1.
VRX-DIFFp-p
Differential
peak-to-peak
input voltage
0.175
—
1.200
V
VRX-DIFFp-p = 2 × |VRX-D+ – VRX-D–|. See Note 2.
TRX-EYE
Minimum
receiver eye
width
0.4
—
—
UI
The maximum interconnect media and transmitter
jitter that can be tolerated by the receiver can be
derived as TRX-MAX-JITTER =1 – TRX-EYE = 0.6 UI.
See Notes 2 and 3.
TRX-EYE-MEDIAN-to-
MAX-JITTER
Maximum time
between the
jitter median and
maximum
deviation from
the median
—
—
0.3
UI
Jitter is defined as the measurement variation of
the crossing points (VRX-DIFFp-p = 0 V) in relation
to a recovered TX UI. A recovered TX UI is
calculated over 3500 consecutive unit intervals of
sample data. Jitter is measured using all edges of
the 250 consecutive UI in the center of the
3500 UI used for calculating the TX UI.
See Notes 2, 3, and 7.
VTX-DIFF = 0 mV
(D+ D– Crossing Point)
[De-Emphasized Bit]
0.07 UI = UI – 0.3 UI (JTX-TOTAL-MAX)
566 mV (3 dB) >=
VTX-DIFFp-p-MIN >= 505 mV (4 dB)
[Transition Bit]
VTX-DIFFp-p-MIN = 800 mV
VRX-DIFF = 0 mV
(D+ D– Crossing Point)
[Transition Bit]
VTX-DIFFp-p-MIN = 800 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com