Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8548CVTAQG Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MPC8548CVTAQG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548CVTAQG Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPC8548CVTAQG Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8548CVTAQG Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
79
Serial RapidIO
17.5
Explanatory Note on Transmitter and Receiver Specifications
AC electrical specifications are given for transmitter and receiver. Long- and short-run interfaces at three
baud rates (a total of six cases) are described.
The parameters for the AC electrical specifications are guided by the XAUI electrical interface specified
in Clause 47 of IEEE 802.3ae-2002.
XAUI has similar application goals to Serial RapidIO, as described in Section 8.1. The goal of this
standard is that electrical designs for Serial RapidIO can reuse electrical designs for XAUI, suitably
modified for applications at the baud intervals and reaches described herein.
17.6
Transmitter Specifications
LP-serial transmitter electrical and timing specifications are stated in the text and tables of this section.
The differential return loss, S11, of the transmitter in each case shall be better than:
•
–10 dB for (baud frequency)/10 < Freq(f) < 625 MHz, and
•
–10 dB + 10log(f/625 MHz) dB for 625 MHz
≤ Freq(f) ≤ baud frequency
The reference impedance for the differential return loss measurements is 100-
Ω resistive. Differential
return loss includes contributions from on-chip circuitry, chip packaging, and any off-chip components
related to the driver. The output impedance requirement applies to all valid output levels.
It is recommended that the 20%–80% rise/fall time of the transmitter, as measured at the transmitter output,
in each case have a minimum value 60 ps.
It is recommended that the timing skew at the output of an LP-serial transmitter between the two signals
that comprise a differential pair not exceed 25 ps at 1.25 GB, 20 ps at 2.50 GB, and 15 ps at 3.125 GB.
Table 55. Short Run Transmitter AC Timing Specifications—1.25 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Output voltage
VO
–0.40
2.30
V
Voltage relative to COMMON of either signal
comprising a differential pair
Differential output voltage
VDIFFPP
500
1000
mV p-p
—
Deterministic jitter
JD
—0.17
UI p-p
—
Total jitter
JT
—0.35
UI p-p
—
Multiple output skew
SMO
—
1000
ps
Skew at the transmitter output between lanes of a
multilane link
Unit Interval
UI
800
800
ps
±100 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com