Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2202A Datasheet(PDF) 18 Page - Sitronix Technology Co., Ltd.

Part # ST2202A
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2202A Datasheet(HTML) 18 Page - Sitronix Technology Co., Ltd.

Back Button ST2202A Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 22Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 75 page
background image
ST2202A
Ver 2.5
18/75
9/16/2008
9.1.1 Port-A Interrupt De-bounce
The ST2202 has a hardware de-bounce block for Port-A
interrupt. It is enabled with “1” and disable with “0” of PDBN
(PMCR[6]). The de-bounce function is activated after first
Port-A transition is detected. It uses OSCX as the sampling
clock. The de-bounce time is OSCX x 512 cycles (about 15.6
ms). Data filtered by de-bounce presents a stable state, then
the interrupt can be issued.
TABLE 9-8 Port Miscellaneous Control Register (PMCR)
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$00F
PMCR
R/W
PULL
PDBN
INTEG
CSM1
CSM0
TO2
TO1
TO0
1000 0000
Bit 6:
PDBN : Enable Port-A interrupt de-bounce
1 = De-bounce for Port-A interrupt
0 = No de-bounce for Port-A interrupt
9.2 External Interrupt
PC0 plays another function of external edge-sensitive interrupt
source. Falling or rising edge is controlled by INTEG(PMCR[5]).
Steps and program example are shown below.
Steps for INTX interrupt operation:
1.
Set PC0 to input mode. (PCC[0])
2.
Set PF0 to “1”
3.
Select edge level. (INTEG)
4.
Clear INTX interrupt request flag. (IRX)
5.
Set INTX interrupt enable bits. (IEX)
6.
Clear CPU interrupt mask flag (I).
Example:
.
.
RMB0
<PCC
; Set input mode.
SMB0
<PFC
; Enable INTX function
SMB5
<PMCR
; Rising edge.
RMB0
<IREQ
; Clear IRQ flag.
SMB0
<IENA
; Enable INTX interrupt.
CLI
.
TABLE 9-9 Port Miscellaneous Control Register (PMCR)
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$00F
PMCR
R/W
PULL
PDBN
INTEG
CSM1
CSM0
TO2
TO1
TO0
1000 0000
Bit 5:
INTEG : Edge options of external interrupt
1 = External interrupt is rising edge triggered
0 = External interrupt is falling edge triggered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com