Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2202A Datasheet(PDF) 25 Page - Sitronix Technology Co., Ltd.

Part # ST2202A
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2202A Datasheet(HTML) 25 Page - Sitronix Technology Co., Ltd.

Back Button ST2202A Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 29Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 75 page
background image
ST2202A
Ver 2.5
25/75
9/16/2008
1
12
2.. T
TIIM
ME
ER
R//E
EV
VE
EN
NT
T C
CO
OU
UN
NT
TE
ER
R
12.1 Prescaler
12.1.1 Function Description
The ST2202 has three timers, Base timer, Timer 0 and Timer 1,
and two prescalers PRES and PREW. There are two clock
sources, SYSCK and INTX, for PRES and one clock source,
CLK32, for PREW. Refer to FIGURE 12-1
TABLE 12-1 Summary of Timer Registers
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$020
BTEN
R/W
-
-
-
BTEN[4] BTEN[3] BTEN[2] BTEN[1] BTEN[0]
- - -0 0000
$021
BTR
R/W
-
-
-
BTR[4]
BTR[3]
BTR[2]
BTR[1]
BTR[0]
- - -0 0000
R
PRS[7]
PRS[6]
PRS[5]
PRS[4]
PRS[3]
PRS[2]
PRS[1]
PRS[0]
0000 0000
$023
PRS
W
SRES
SENA
SENT
-
-
-
-
-
000 - - - - -
$024
T0M
R/W
-
-
T0M[5]
T0M[4]
-
T0M[2]
T0M[1]
T0M[0]
- -00
-000
$025
T0C
R/W
T0C[7]
T0C[6]
T0C[5]
T0C[4]
T0C[3]
T0C[2]
T0C[1]
T0C[0]
0000 0000
$026
T1M
R/W
-
-
-
T1M[4]
T1M[3]
T1M[2]
T1M[1]
T1M[0]
- - -0 0000
$027
T1C
R/W
T1C[7]
T1C[6]
T1C[5]
T1C[4]
T1C[3]
T1C[2]
T1C[1]
T1C[0]
0000 0000
R
XSEL
OSTP
XSTP
WSKP
WAIT
IRREN
HIGH
0000 0001
$030
SYS
W
XSEL
OSTP
XSTP
-
WSKP
WAIT
IRREN
LVDEN
0000 0000
$03C
IREQ
R/W
-
-
IRBT
IRPT
IRT1
IRT0
IRDAC
IRX
- -00 0000
$03E
IENA
R/W
-
-
IEBT
IEPT
IET1
IET0
IEDAC
IEX
- -00 0000
FIGURE 12-1 Structure Of Two Prescalers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com