| Electronic Components Datasheet Search |
|
ST2202A Datasheet(PDF) 19 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST2202A Datasheet(HTML) 19 Page - Sitronix Technology Co., Ltd. |
|
19 / 75 page ![]() ST2202A Ver 2.5 19/75 9/16/2008 1 10 0.. C CH HIIP P--S SE EL LE EC CT T L LO OG GIIC C ((C CS SL L)) The ST2202 builds in one chip-select signal ( CS0 ) for embedded 256K bytes mask ROM and six chip-select signals multiplexed with PD5~0 of Port-D which are used to select external devices on the address and data bus. There are two options for the first 256K bytes memory which are controlled by MMD pin. Tie MMD to ground to select normal mode and enable internal ROM for the first 256K bytes memory. Connect MMD to chip-select of an external device to select emulation mode and disable internal ROM. After reset cycles, MMD changes to an output and outputs chip-select signal CS0 . Refer to FIGURE 10-1 for two connections of different modes. Two bits CSM[1:0] of port miscellaneous register (PMCR) select four modes of CSL which define the memory size of each external chip-select. If CSM0 equals “1”, chip-select signal CS6 changes to be address signal A23 to make one single device of 16M bytes at CS5 possible. The address range of CSx of higher number follows the range of previous one of lower number. Refer to TABLE 10-2 for configurations of all chip-selects in different modes. Note: Write “1” to bit of port direction control register PCD, then to bit of port function-select register PFD to activate the designated chip-select signal. A. Normal Mode B. Emulation Mode FIGURE 10-1 Connections Of MMD/ CS0 TABLE 10-2 Memory Configurations Of Chip-selects First 256K External Chip-select Modes Memory Range and Size of Chip-selects Total Support Memory Size CS0 , MMD/ CS0 CSM[1:0] CS1 CS2 CS3 CS4 CS5 CS6 /A23 0 0 $1000000~ $17FFFFF ( 8M bytes) $1800000~ $1FFFFFF ( 8M bytes) 0 1 $0400000~ $04FFFFF ( 1M bytes) $0500000~ $05FFFFF ( 1M bytes) $0600000~ $07FFFFF ( 2M bytes) $0800000~ $0FFFFFF ( 8M bytes) $1000000~ $1FFFFFF ( 16Mbytes) A23 28M + 256K Bytes 1 0 $2000000~ $27FFFFF ( 8M bytes) $2800000~ $2FFFFFF ( 8M bytes) $0000000~ $003FFFF ( 256Kbyte) 1 1 $0400000~ $07FFFFF ( 4M bytes) $0800000~ $0FFFFFF ( 8M bytes) $1000000~ $17FFFFF ( 8M bytes) $1800000~ $1FFFFFF ( 8M bytes) $2000000~ $2FFFFFF ( 16Mbytes) A23 44M + 256K Bytes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |