Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7565P Datasheet(PDF) 33 Page - Sitronix Technology Co., Ltd.

Part # ST7565P
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565P Datasheet(HTML) 33 Page - Sitronix Technology Co., Ltd.

Back Button ST7565P Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7565P Datasheet HTML 37Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
ST7565P
Ver 2.1b
33/71
2009/09/14
The Voltage Regulator Circuit
The step-up voltage generated at VOUT outputs the LCD
driver voltage V0 through the voltage regulator circuit.
Because the ST7565P chips have an internal high-accuracy
fixed voltage power supply with a 64-level electronic volume
function and internal resistors for the V0 voltage regulator,
systems can be constructed without having to include
high-accuracy voltage regulator circuit components. (VREG
thermal gradients approximate -0.05%/°C)
(A) When the V0 Voltage Regulator Internal Resistors Are Used
Through the use of the V0 voltage regulator internal resistors
and the electronic volume function the liquid crystal power
supply voltage V0 can be controlled by commands alone
(without adding any external resistors), making it possible to
adjust the liquid crystal display brightness. The V0 voltage
can be calculated using equation A-1 over the range where |
V0 | < | VOUT |.
(
)
Rb
Ra
+
1
VEV
V0 =
=
(
)
Rb
Ra
+
1
(1 -
α
162 )
VREG
[∵ VEV = (1 -
α
162 )
VREG
]
Internal Ra
VEV(constant voltage supply+electronic volume)
VSS
V0
Internal Rb
Figure 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com